Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPS-1848 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # CPS-1848
Description  18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

CPS-1848 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button CPS-1848_17 Datasheet HTML 6Page - Integrated Device Technology CPS-1848_17 Datasheet HTML 7Page - Integrated Device Technology CPS-1848_17 Datasheet HTML 8Page - Integrated Device Technology CPS-1848_17 Datasheet HTML 9Page - Integrated Device Technology CPS-1848_17 Datasheet HTML 10Page - Integrated Device Technology CPS-1848_17 Datasheet HTML 11Page - Integrated Device Technology CPS-1848_17 Datasheet HTML 12Page - Integrated Device Technology CPS-1848_17 Datasheet HTML 13Page - Integrated Device Technology CPS-1848_17 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
10
©2017 Integrated Device Technology, Inc.
June 26, 2017
CPS-1848 Datasheet
5.
Configuration Pins
Speed Select Pins SPD[2:0]
There are three port-speed selection pins that select the initial speed of the RapidIO ports (see Table 1). The RESET setting can be overridden by
programming the PLL n Control 1 Register and Lane n Control Register (for more information, see “Lane and Port Speeds” in the CPS-1848 User
Manual).
Quadrant Configuration Pins QCFG[7:0]
There are eight quadrant configuration selection pins, QCFG[7:0], or two pins per quadrant (see Figure 2). These pins configure the device’s
power-up settings for port width and lane to port mapping. After power-up these settings can be changed by updating the Quadrant Configuration
Register (for more information, see “Lane to Port Mapping” in the CPS-1848 User Manual).
Figure 2: Quadrant Configuration using QCFG[7:0]
Table 1: Port Speed Selection Pin Values
Value on the Pins
(SPD2, SPD1, SPD0)
Port Rate (Gbaud)
000
1.25
001
2.5
01X
5.0
100
Reserved
101
3.125
11X
6.25
Quadrant 1
Ports 1, 5, 9, 13, 17
QCFG[3:2]
Quadrant 0
Ports 0, 4, 8, 12, 16
QCFG[1:0]
Quadrant 3
Ports 3, 7, 11, 15
QCFG[7:6]
Quadrant 2
Ports 2, 6, 10, 14
QCFG[5:4]
Lanes 0-3
Lanes
16-19
Lanes
32-35
Lanes
36-39
Lanes
4-7
Lanes 28-31
Lanes 20-23
Lanes 8-11
Lanes
12-15
Lanes
44-47
Lanes
40-43
Lanes
24-27


Similar Part No. - CPS-1848_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
CPS-1848 IDT-CPS-1848 Datasheet
107Kb / 1P
   IDT Serial RapidIO Switch Feature ComparisonChart
logo
Renesas Technology Corp
CPS-1848 RENESAS-CPS-1848 Datasheet
1Mb / 85P
   18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch
March 15, 2019
More results

Similar Description - CPS-1848_17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CPS-1848 RENESAS-CPS-1848 Datasheet
1Mb / 85P
   18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch
March 15, 2019
logo
Integrated Device Techn...
CPS-1616 IDT-CPS-1616 Datasheet
1,021Kb / 77P
   16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
logo
Renesas Technology Corp
CPS-1432 RENESAS-CPS-1432 Datasheet
1Mb / 80P
   14-Port, 32-Lane, 160Gbps, Gen2 RapidIO Switch
June 26, 2017
logo
Integrated Device Techn...
CPS-1432 IDT-CPS-1432 Datasheet
981Kb / 79P
   14-Port, 32-Lane, 160Gbps, Gen2 RapidIO Switch
logo
Renesas Technology Corp
CPS-1616 RENESAS-CPS-1616 Datasheet
1Mb / 78P
   16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
June 26, 2017
logo
AVAGO TECHNOLOGIES LIMI...
PEX8648 AVAGO-PEX8648 Datasheet
254Kb / 4P
   PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
logo
Renesas Technology Corp
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
logo
PLX Technology
PEX8648 PLX-PEX8648 Datasheet
230Kb / 4P
   PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
logo
Renesas Technology Corp
89HPES48H12AG2 RENESAS-89HPES48H12AG2 Datasheet
656Kb / 60P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 12, 2013
89HPES48H12G2 RENESAS-89HPES48H12G2 Datasheet
551Kb / 45P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com