Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPS-1848 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # CPS-1848
Description  18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

CPS-1848 Datasheet(HTML) 4 Page - Integrated Device Technology

  CPS-1848_17 Datasheet HTML 1Page - Integrated Device Technology CPS-1848_17 Datasheet HTML 2Page - Integrated Device Technology CPS-1848_17 Datasheet HTML 3Page - Integrated Device Technology CPS-1848_17 Datasheet HTML 4Page - Integrated Device Technology CPS-1848_17 Datasheet HTML 5Page - Integrated Device Technology CPS-1848_17 Datasheet HTML 6Page - Integrated Device Technology CPS-1848_17 Datasheet HTML 7Page - Integrated Device Technology CPS-1848_17 Datasheet HTML 8Page - Integrated Device Technology CPS-1848_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
4
©2017 Integrated Device Technology, Inc.
June 26, 2017
CPS-1848 Datasheet
1.
About This Document
Introduction
The CPS-1848 Datasheet provides hardware information about the CPS-1848, such as electrical and packaging characteristics. It is intended for
hardware engineers who are designing system interconnect applications with the device.
Additional Resources
The CPS-1848 User Manual describes the functionality and configuration capabilities of the device. In addition, there are many other resources
available that support the CPS-1848. For more information, please contact IDT for support.
Document Conventions and Definitions
This document uses the following conventions and definitions:
• To indicate signal states:
– Differential signals use the suffix “_P” to indicate the positive half of a differential pair.
– Differential signals use the suffix “_N” to indicate the negative half of a differential pair.
– Non-differential signals use the suffix “_N” to indicate an active-low state.
• To define buses, the most significant bit (MSB) is on the left and least significant bit (LSB) is on the right. No leading zeros are included.
• To represent numerical values, either decimal, binary, or hexadecimal formats are used. The binary format is as follows: 0bDDD, where “D”
represents either 0 or 1; the hexadecimal format is as follows: 0xDD, where “D” represents the hexadecimal digit(s); otherwise, it is decimal.
• Unless otherwise denoted, a byte refers to an 8-bit quantity; a word refers to a 32-bit quantity, and a double word refers to an 8-byte (64-bit)
quantity. This is in accordance with RapidIO convention.
• A bit is set when its value is 0b1. A bit is cleared when its value is 0b0.
• A read-only register, bit, or field is one that can be read but not modified.
Revision History
June 26, 2017
• Updated the Package Outline Drawings; no technical changes
• Updated the Ordering Information
April 4, 2016
• Added an R_X2 symbol to Table 20
• Updated the Package Physical Specifications
• Updated Heat Sink Requirement and Analysis
• Added HMH, HMG, and BLG part numbers to Ordering Information
June 12, 2013
• Updated the note associated with VDD3A (pin AD24)
June 8, 2012
• Changed the maximum 3.3V supply requirement to 3.47V in Table 6 and note 2 below the table
• Added two cautionary notes about lane reordering to Pin Listing
This symbol indicates important configuration information or suggestions.
This symbol indicates procedures or operating levels that may result in misuse or damage to
the device.


Similar Part No. - CPS-1848_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
CPS-1848 IDT-CPS-1848 Datasheet
107Kb / 1P
   IDT Serial RapidIO Switch Feature ComparisonChart
logo
Renesas Technology Corp
CPS-1848 RENESAS-CPS-1848 Datasheet
1Mb / 85P
   18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch
March 15, 2019
More results

Similar Description - CPS-1848_17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CPS-1848 RENESAS-CPS-1848 Datasheet
1Mb / 85P
   18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch
March 15, 2019
logo
Integrated Device Techn...
CPS-1616 IDT-CPS-1616 Datasheet
1,021Kb / 77P
   16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
logo
Renesas Technology Corp
CPS-1432 RENESAS-CPS-1432 Datasheet
1Mb / 80P
   14-Port, 32-Lane, 160Gbps, Gen2 RapidIO Switch
June 26, 2017
logo
Integrated Device Techn...
CPS-1432 IDT-CPS-1432 Datasheet
981Kb / 79P
   14-Port, 32-Lane, 160Gbps, Gen2 RapidIO Switch
logo
Renesas Technology Corp
CPS-1616 RENESAS-CPS-1616 Datasheet
1Mb / 78P
   16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
June 26, 2017
logo
AVAGO TECHNOLOGIES LIMI...
PEX8648 AVAGO-PEX8648 Datasheet
254Kb / 4P
   PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
logo
Renesas Technology Corp
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
logo
PLX Technology
PEX8648 PLX-PEX8648 Datasheet
230Kb / 4P
   PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
logo
Renesas Technology Corp
89HPES48H12AG2 RENESAS-89HPES48H12AG2 Datasheet
656Kb / 60P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 12, 2013
89HPES48H12G2 RENESAS-89HPES48H12G2 Datasheet
551Kb / 45P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com