Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPS-1432 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # CPS-1432
Description  14-Port, 32-Lane, 160Gbps, Gen2 RapidIO Switch
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

CPS-1432 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button CPS-1432 Datasheet HTML 5Page - Integrated Device Technology CPS-1432 Datasheet HTML 6Page - Integrated Device Technology CPS-1432 Datasheet HTML 7Page - Integrated Device Technology CPS-1432 Datasheet HTML 8Page - Integrated Device Technology CPS-1432 Datasheet HTML 9Page - Integrated Device Technology CPS-1432 Datasheet HTML 10Page - Integrated Device Technology CPS-1432 Datasheet HTML 11Page - Integrated Device Technology CPS-1432 Datasheet HTML 12Page - Integrated Device Technology CPS-1432 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
9
©2017 Integrated Device Technology, Inc.
June 26, 2017
CPS-1432 Datasheet
Rext (REXT_N/P)
These pins establish the drive bias on the SerDes output. An external bias resistor is required. The two pins must be connected to one another
with a 9.1k Ohm resistor. This provides robust SerDes stability across process and temperature.
Speed Select (SPD[2:0])
These pins define the S-RIO port speed at RESET for all ports. SPD[2:0] can be configured as follows:
• 000 = 1.25 Gbaud
• 001 = 2.5 Gbaud
• 01X = 5 Gbaud
• 100 = Reserved
• 101 = 3.125 Gbaud
• 11X = 6.25 Gbaud
For more information, see Speed Select Pins SPD[2:0].
Quadrant Config (QCFG[7:0])
These pins define the S-RIO port width (x1, x2, x4) at RESET for all ports. QCFG[1:0] defines port width for Quadrant 0, QCFG[3:2] defines port
width for Quadrant 1, QCFG[5:4] defines port width for Quadrant 2, and QCFG[7:6] defines port width for Quadrant 3. For more information, see
Quadrant Configuration Pins QCFG[7:0]
.
Frequency Select (FSEL[1:0])
FSEL1 pin defines the input reference clock, and FSEL0 pin defines the internal clock frequency, full or half rate.
Multicast (MCAST)
The Multicast-Event Control Symbol Trigger (MCAST) pin provides an optional mechanism to trigger the generation of a Multicast-Event Control
Symbol. The multicast-event control symbol allows a user-defined system event to be multicast throughout a system (for example, synchronously
reset a system or its internal timers).


Similar Part No. - CPS-1432

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
CPS-1432 IDT-CPS-1432 Datasheet
107Kb / 1P
   IDT Serial RapidIO Switch Feature ComparisonChart
logo
Renesas Technology Corp
CPS-1432 RENESAS-CPS-1432 Datasheet
1Mb / 80P
   14-Port, 32-Lane, 160Gbps, Gen2 RapidIO Switch
June 26, 2017
More results

Similar Description - CPS-1432

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CPS-1432 RENESAS-CPS-1432 Datasheet
1Mb / 80P
   14-Port, 32-Lane, 160Gbps, Gen2 RapidIO Switch
June 26, 2017
CPS-1848 RENESAS-CPS-1848 Datasheet
1Mb / 85P
   18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch
March 15, 2019
logo
Integrated Device Techn...
CPS-1616 IDT-CPS-1616 Datasheet
1,021Kb / 77P
   16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
CPS-1848 IDT-CPS-1848_17 Datasheet
1Mb / 86P
   18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch
logo
Renesas Technology Corp
CPS-1616 RENESAS-CPS-1616 Datasheet
1Mb / 78P
   16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
June 26, 2017
logo
AVAGO TECHNOLOGIES LIMI...
PEX8632 AVAGO-PEX8632 Datasheet
227Kb / 4P
   PCIe Gen2, 5.0GT/s 32-lane, 12-port Switch
logo
PLX Technology
PEX8632 PLX-PEX8632 Datasheet
203Kb / 4P
   PCIe Gen2, 5.0GT/s 32-lane, 12-port Switch
logo
Renesas Technology Corp
89HPES32NT24BG2 RENESAS-89HPES32NT24BG2 Datasheet
550Kb / 38P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT24AG2 RENESAS-89HPES32NT24AG2 Datasheet
553Kb / 39P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 201
89HPES32NT8AG2 RENESAS-89HPES32NT8AG2 Datasheet
532Kb / 36P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com