Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP5900254A30 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # DCP5900254A30
Description  7dBi 5.9GHz 25mm DSRC / V2V / V2X / V2I PTFE HF Patch Antenna
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

DCP5900254A30 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  DCP5900254A30 Datasheet HTML 1Page - Taoglas antenna solutions DCP5900254A30 Datasheet HTML 2Page - Taoglas antenna solutions DCP5900254A30 Datasheet HTML 3Page - Taoglas antenna solutions DCP5900254A30 Datasheet HTML 4Page - Taoglas antenna solutions DCP5900254A30 Datasheet HTML 5Page - Taoglas antenna solutions DCP5900254A30 Datasheet HTML 6Page - Taoglas antenna solutions DCP5900254A30 Datasheet HTML 7Page - Taoglas antenna solutions DCP5900254A30 Datasheet HTML 8Page - Taoglas antenna solutions DCP5900254A30 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DSP-SPE-17-8-033/A/IC
PPage 4 of 19
3.Antenna Characteristics
3.1 Test Setup


Similar Part No. - DCP5900254A30

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
DCP5-16-13 KEXIN-DCP5-16-13 Datasheet
351Kb / 3P
   NPN Surfac Mount Transistor
logo
Diodes Incorporated
DCP51 DIODES-DCP51 Datasheet
189Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DCP51-13 DIODES-DCP51-13 Datasheet
189Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DCP51-16 DIODES-DCP51-16 Datasheet
189Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DCP51-16-13 DIODES-DCP51-16-13 Datasheet
189Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - DCP5900254A30

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
GSA8859A105111 TAOGLAS-GSA8859A105111 Datasheet
2Mb / 23P
   4dBi Adhesive Mini DSRC 5.9GHz Antenna
logo
AVX Corporation
9001118 AVX-9001118 Datasheet
1Mb / 4P
   V2X Ceramic Patch Antenna
10/15/2019
logo
Taoglas antenna solutio...
CGIP254A02 TAOGLAS-CGIP254A02 Datasheet
762Kb / 15P
   25mm Iridium Ceramic Patch Antenna
logo
u-blox AG
VERA-P3 U-BLOX-VERA-P3 Datasheet
147Kb / 2P
   DSRC 802.11p V2X host-based modules
logo
Molex Electronics Ltd.
2143900001 MOLEX-2143900001 Datasheet
30Kb / 1P
   ISM/DSRC 5.9GHz High Gain External Antenna, with N-JM2 Connector
logo
Maxtena Inc.
MEA-DSRC-03Z MAXTENA-MEA-DSRC-03Z Datasheet
654Kb / 2P
   DSRC ANTENNA
Rev 1.1
logo
Taoglas antenna solutio...
TD105113 TAOGLAS-TD105113 Datasheet
16Mb / 33P
   Triton 5dBi DSRC 5.9GHz Dipole Terminal Antenna SMA(M) Hinged Connector
WPC25B35 TAOGLAS-WPC25B35 Datasheet
818Kb / 10P
   2dBi 25mm 2.4 Ghz Patch Antenna
logo
Maxtena Inc.
MEA-DSRC-02Z MAXTENA-MEA-DSRC-02Z Datasheet
878Kb / 3P
   DSRC ANTENNA
Rev 1.1
logo
Taoglas antenna solutio...
AP25J0110000D TAOGLAS-AP25J0110000D Datasheet
592Kb / 8P
   25mm Three Stage Active GPS Patch Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com