Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

9FGV0831 Datasheet(PDF) 5 Page - Integrated Device Technology

Part No. 9FGV0831
Description  8-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGV0831 Datasheet(HTML) 5 Page - Integrated Device Technology

  9FGV0831_17 Datasheet HTML 1Page - Integrated Device Technology 9FGV0831_17 Datasheet HTML 2Page - Integrated Device Technology 9FGV0831_17 Datasheet HTML 3Page - Integrated Device Technology 9FGV0831_17 Datasheet HTML 4Page - Integrated Device Technology 9FGV0831_17 Datasheet HTML 5Page - Integrated Device Technology 9FGV0831_17 Datasheet HTML 6Page - Integrated Device Technology 9FGV0831_17 Datasheet HTML 7Page - Integrated Device Technology 9FGV0831_17 Datasheet HTML 8Page - Integrated Device Technology 9FGV0831_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
JUNE 26, 2017
5
8-OUTPUT VERY LOW-POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0831 DATASHEET
Test Loads
Alternate Terminations
Alternate Differential Output Terminations
Rs
Zo
Units
33
100
27
85
Ohms
REF Output
33
REF Output Test Load
5pF
Zo = 50 ohms
Rs
Rs
Low-Power Differential Output Test Load
2pF
2pF
5 inches
Zo=100ohms
LVDS CLK
Input
Zo
R8b
R7b
R8a
R7a
3.3 Volts
Cc
Cc
Rs
Rs
Driving LVDS
Driving LVDS inputs
Receiver has
termination
Receiver does not
have termination
R7a, R7b
10K ohm
140 ohm
R8a, R8b
5.6K ohm
75 ohm
Cc
0.1 uF
0.1 uF
Vcm
1.2 volts
1.2 volts
Component
Value
Note


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn