Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T528Z337M006APE0097280 Datasheet(PDF) 8 Page - Kemet Corporation

Part # T528Z337M006APE0097280
Description  T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T528Z337M006APE0097280 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button T528Z337M006APE0097280 Datasheet HTML 4Page - Kemet Corporation T528Z337M006APE0097280 Datasheet HTML 5Page - Kemet Corporation T528Z337M006APE0097280 Datasheet HTML 6Page - Kemet Corporation T528Z337M006APE0097280 Datasheet HTML 7Page - Kemet Corporation T528Z337M006APE0097280 Datasheet HTML 8Page - Kemet Corporation T528Z337M006APE0097280 Datasheet HTML 9Page - Kemet Corporation T528Z337M006APE0097280 Datasheet HTML 10Page - Kemet Corporation T528Z337M006APE0097280 Datasheet HTML 11Page - Kemet Corporation T528Z337M006APE0097280 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2018_T528 • 5/8/2017
88
KEMET Organic Capacitor (KO-CAP®) – Miniature
T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
Soldering Process
KEMET’sfamiliesofsurfacemountcapacitorsare
compatiblewithwave(singleordual),convection,IR,
orvaporphasereflowtechniques.Preheatingofthese
components is recommended to avoid extreme thermal
stress.KEMET'srecommendedprofileconditionsfor
convectionandIRreflowreflecttheprofileconditionsofthe
IPC/J–STD–020Dstandardformoisturesensitivitytesting.
Thedevicescansafelywithstandamaximumofthreereflow
passes at these conditions.
Please note that although the X/7343–43 case size can
withstandwavesoldering,thetallprofile(4.3mmmaximum)
dictates care in wave process development.
Handsolderingshouldbeperformedwithcareduetothe
difficultyinprocesscontrol.Ifperformed,careshouldbe
taken to avoid contact of the soldering iron to the molded
case.Theironshouldbeusedtoheatthesolderpad,
applyingsolderbetweenthepadandthetermination,until
reflowoccurs.Oncereflowoccurs,theironshouldbe
removedimmediately.“Wiping”theedgesofachipand
heating the top surface is not recommended.
Profile Feature
SnPb Assembly Pb-Free Assembly
Preheat/Soak
Temperature Minimum (T
Smin)
100°C
150°C
Temperature Maximum (T
Smax)
150°C
200°C
Time (t
s) from Tsmin to Tsmax)
60 – 120 seconds
60 – 120 seconds
Ramp-upRate(T
L to TP)
3°C/seconds maximum 3°C/seconds maximum
Liquidous Temperature (T
L)
183°C
217°C
TimeAboveLiquidous(t
L)
60 – 150 seconds
60 – 150 seconds
Peak Temperature (T
P)
220°C*
235°C**
250°C*
260°C**
Time within 5°C of Maximum
Peak Temperature (t
P)
20 seconds maximum
30 seconds maximum
Ramp-downRate(T
P to TL)
6°C/seconds maximum 6°C/seconds maximum
Time 25°C to Peak
Temperature
6 minutes maximum
8 minutes maximum
Note: All temperatures refer to the center of the package, measured on the
package body surface that is facing up during assembly reflow.
*Case Size D, E, P, Y, and X
**Case Size A, B, C, H, I, K, M, R, S, T, U, V, W, and Z
Storage
AllKO-CAPseriesareshippedinmoisturebarrierbagswithadesiccantandmoistureindicatorcard.Theseseriesare
classifiedasMSL3(MoistureSensitivityLevel3).Productcontainedwithinthemoisturebarrierbagsshouldbestoredin
normalworkingenvironmentswithtemperaturesnottoexceed40°Candhumiditynotinexcessof90%RH.
Time
T
smin
25
T
smax
T
L
T
P
Maximum Ramp Up Rate = 3ºC/second
Maximum Ramp Down Rate = 6ºC/second
t
P
t
L
t
s
25ºC to Peak


Similar Part No. - T528Z337M006APE0097280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T528Z337M004ATE009 KEMET-T528Z337M004ATE009 Datasheet
222Kb / 3P
   Face Down Termination Tantalum Surface Mount Capacitor
T528Z337M004ATE009 KEMET-T528Z337M004ATE009 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T528, 330 uF, 20%, 4 V, 7343, SMD, Polymer, Low ESR, NonCombustible, Face Down, 9 mOhms, Height Max = 1.7mm
T528Z337M004ATE009 KEMET-T528Z337M004ATE009_17 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T528, 330 uF, 20%, 4 V, 7343, SMD, Polymer, Low ESR, NonCombustible, Face Down, 9 mOhms, Height Max = 1.7mm
T528Z337M004ATE012 KEMET-T528Z337M004ATE012 Datasheet
222Kb / 3P
   Face Down Termination Tantalum Surface Mount Capacitor
T528Z337M004ATE012 KEMET-T528Z337M004ATE012_17 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T528, 330 uF, 20%, 4 V, 7343, SMD, Polymer, Low ESR, NonCombustible, Face Down, 12 mOhms, Height Max = 1.7mm
More results

Similar Description - T528Z337M006APE0097280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T528Z337M2R5ATE009 KEMET-T528Z337M2R5ATE009_16 Datasheet
1Mb / 15P
   T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
T528K157M006ATE150 KEMET-T528K157M006ATE150 Datasheet
122Kb / 1P
   Polymer FaceDown, Low ESR, Low ESL
logo
Richtek Technology Corp...
RT8152C RICHTEK-RT8152C Datasheet
406Kb / 24P
   Single-Phase PWM Controller for CPU / GPU Core Power Supply
RT8167B RICHTEK-RT8167B Datasheet
576Kb / 38P
   Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
logo
Maxim Integrated Produc...
MAX77874 MAXIM-MAX77874 Datasheet
1Mb / 37P
   16A High-Performance Quad-Phase Buck Regulator for Multicore CPU and GPU Processors
Rev 0; 11/16
logo
Cornell Dubilier Electr...
HZA-V CDE-HZA-V Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
logo
TDK Electronics
MLZ1608A2R2WT TDK-MLZ1608A2R2WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
logo
Cornell Dubilier Electr...
HZC-V CDE-HZC-V Datasheet
793Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
logo
Murata Manufacturing Co...
LLA315R70J225MA14 MURATA1-LLA315R70J225MA14 Datasheet
639Kb / 22P
   Low ESL Chip Monolithic Ceramic Capacitor for General
Sep.12,2016
logo
TDK Electronics
NLC565050T-331K-PF TDK-NLC565050T-331K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com