Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGV0641AKLFT Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 9FGV0641AKLFT
Description  6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator with Zo=100ohms
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGV0641AKLFT Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 9FGV0641AKLFT Datasheet HTML 2Page - Integrated Device Technology 9FGV0641AKLFT Datasheet HTML 3Page - Integrated Device Technology 9FGV0641AKLFT Datasheet HTML 4Page - Integrated Device Technology 9FGV0641AKLFT Datasheet HTML 5Page - Integrated Device Technology 9FGV0641AKLFT Datasheet HTML 6Page - Integrated Device Technology 9FGV0641AKLFT Datasheet HTML 7Page - Integrated Device Technology 9FGV0641AKLFT Datasheet HTML 8Page - Integrated Device Technology 9FGV0641AKLFT Datasheet HTML 9Page - Integrated Device Technology 9FGV0641AKLFT Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6-OUTPUT VERY LOW-POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR WITH ZO=100OHMS
6
JUNE 23, 2017
9FGV0641 DATASHEET
Electrical Characteristics–Input/Supply/Common Output Parameters–Normal
Operating Conditions
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VDDxx
Supply voltage for core, analog and single-ended
LVCMOS outputs
1.7
1.8
1.9
V
Output Supply Voltage
VDDIO
Supply voltage for differential Low Power Outputs
0.9975
1.05-1.8
1.9
V
Commercial range
0
25
70
°C
Industrial range
-40
25
85
°C
Input High Voltage
VIH
Single-ended inputs, except SMBus
0.75 VDD
VDD + 0.3
V
Input Mid Voltage
VIM
Single-ended tri-level inputs ('_tri' suffix)
0.4 VDD
0.5 VDD
0.6 VDD
V
Input Low Voltage
VIL
Single-ended inputs, except SMBus
-0.3
0.25 VDD
V
Output High Voltage
VIH
Single-ended outputs, except SMBus. IOH = -2mA
VDD-0.45
V
Output Low Voltage
VIL
Single-ended outputs, except SMBus. IOL = -2mA
0.45
V
IIN
Single-ended inputs, VIN = GND, VIN = VDD
-5
5
uA
IINP
Single-ended inputs
VIN = 0 V; Inputs with internal pull-up resistors
VIN = VDD; Inputs with internal pull-down resistors
-200
200
uA
Input Frequency
Fin
XTAL, or X1 input
23
25
27
MHz
Pin Inductance
Lpin
7nH
1
CIN
Logic Inputs, except DIF_IN
1.5
5
pF
1
COUT
Output pin capacitance
6
pF
1
Clk Stabilization
TSTAB
From VDD Power-Up and after input clock
stabilization or de-assertion of PD# to 1st clock
0.6
1.8
ms
1,2
SS Modulation Frequency
fMOD
Allowable Frequency
(Triangular Modulation)
30
31.6
33
kHz
1
OE# Latency
tLATOE#
DIF start after OE# assertion
DIF stop after OE# deassertion
1
3
3
clocks
1,3
Tdrive_PD#
tDRVPD
DIF output enable after
PD# de-assertion
20
300
us
1,3
Tfall
tF
Fall time of single-ended control inputs
5
ns
2
Trise
tR
Rise time of single-ended control inputs
5
ns
2
SMBus Input Low Voltage
VILSMB
VDDSMB = 3.3V, see note 4 for VDDSMB < 3.3V
0.6
V
SMBus Input High Voltage
VIHSMB
VDDSMB = 3.3V, see note 5 for VDDSMB < 3.3V
2.1
3.6
V
4
SMBus Output Low Voltage
VOLSMB
@ IPULLUP
0.4
V
SMBus Sink Current
IPULLUP
@ VOL
4mA
Nominal Bus Voltage
VDDSMB
1.7
3.6
V
SCLK/SDATA Rise Time
tRSMB
(Max VIL - 0.15) to (Min VIH + 0.15)
1000
ns
1
SCLK/SDATA Fall Time
tFSMB
(Min VIH + 0.15) to (Max VIL - 0.15)
300
ns
1
SMBus Operating
Frequency
fMAXSMB
Maximum SMBus operating frequency
400
kHz
1
1 Guaranteed by design and characterization, not 100% tested in production.
2 Control input must be monotonic from 20% to 80% of input swing.
Input Current
Ambient Operating
Temperature
TAMB
Capacitance
3 Time from deassertion until outputs are >200 mV
4 For V
DDSMB < 3.3V, VIHSMB >= 0.65xVDDSMB


Similar Part No. - 9FGV0641AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0641AKLFT IDT-9FGV0641AKLFT Datasheet
210Kb / 15P
   6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGV0641AKLFT RENESAS-9FGV0641AKLFT Datasheet
649Kb / 17P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator with Zo=100ohms
JUNE 6, 2019
More results

Similar Description - 9FGV0641AKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGV0641 RENESAS-9FGV0641 Datasheet
649Kb / 17P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator with Zo=100ohms
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0841 IDT-9FGV0841_17 Datasheet
261Kb / 17P
   8-Output Very Low-Power PCIe Gen1-2-3-4 Clock Generator with Zo=100ohms
logo
Renesas Technology Corp
9FGV0841 RENESAS-9FGV0841 Datasheet
1,014Kb / 22P
   8-Output Very Low-Power PCIe Gen1?? Clock Generator with Zo = 100ohms
9FGV0631C RENESAS-9FGV0631C Datasheet
648Kb / 17P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0631 IDT-9FGV0631 Datasheet
264Kb / 16P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
logo
Renesas Technology Corp
9FGV0231 RENESAS-9FGV0231 Datasheet
673Kb / 17P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_17 Datasheet
281Kb / 16P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0431 IDT-9FGV0431_17 Datasheet
289Kb / 16P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0441 IDT-9FGV0441_17 Datasheet
294Kb / 16P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0431 RENESAS-9FGV0431 Datasheet
693Kb / 17P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com