Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T528B337M006APE0097280 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T528B337M006APE0097280
Description  T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T528B337M006APE0097280 Datasheet(HTML) 2 Page - Kemet Corporation

  T528B337M006APE0097280 Datasheet HTML 1Page - Kemet Corporation T528B337M006APE0097280 Datasheet HTML 2Page - Kemet Corporation T528B337M006APE0097280 Datasheet HTML 3Page - Kemet Corporation T528B337M006APE0097280 Datasheet HTML 4Page - Kemet Corporation T528B337M006APE0097280 Datasheet HTML 5Page - Kemet Corporation T528B337M006APE0097280 Datasheet HTML 6Page - Kemet Corporation T528B337M006APE0097280 Datasheet HTML 7Page - Kemet Corporation T528B337M006APE0097280 Datasheet HTML 8Page - Kemet Corporation T528B337M006APE0097280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2018_T528 • 5/8/2017
22
KEMET Organic Capacitor (KO-CAP®) – Miniature
T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
Ordering Information
T
528
Z
337
M
2R5
A
T
E009
Capacitor
Class
Series
Case Size
Capacitance
Code (pF)
Capacitance
Tolerance
RatedVoltage
(VDC)
FailureRate/
Design
Termination
Finish
ESRCode
Packaging
(C-Spec)
T =
Tantalum
528 =
Low ESL
Facedown
Terminal
Polymer
B
W
Z
First two digits
represent
significant
figures.Third
digitspecifies
numberofzeros.
M =
±20%
002 = 2
2R5=2.5
004 = 4
006 = 6.3
A =
N/A
T = 100%
Matte Tin (Sn)
plated
P=Ni-Pd-Au
plated
E=ESR
Last three
digits
specifyESR
inmΩ(009
=9mΩ)
Blank = 7"
Reel
7280 = 13"
Reel
Performance Characteristics
Item
Performance Characteristics
Operating Temperature
−55°Cto105°C
RatedCapacitanceRange
33 – 470 µF at 120 Hz/25°C
Capacitance Tolerance
M Tolerance (20%)
RatedVoltageRange
2–6.3V
DF(120Hz)
≤10%
ESR(100kHz)
RefertoPartNumberElectricalSpecificationTable
Leakage Current
≤0.1CV(µA)atratedvoltageafter5minutes


Similar Part No. - T528B337M006APE0097280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T528B277M002APE006 KEMET-T528B277M002APE006 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T528, 270 uF, 20%, 2 V, 3528, SMD, Polymer, Low ESR, NonCombustible, Face Down, 6 mOhms, Height Max = 2mm
T528B277M002APE009 KEMET-T528B277M002APE009 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T528, 270 uF, 20%, 2 V, 3528, SMD, Polymer, Low ESR, NonCombustible, Face Down, 9 mOhms, Height Max = 2mm
T528B277M2R5APE006 KEMET-T528B277M2R5APE006 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T528, 270 uF, 20%, 2.5 V, 3528, SMD, Polymer, Low ESR, NonCombustible, Face Down, 6 mOhms, Height Max = 2mm
More results

Similar Description - T528B337M006APE0097280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T528Z337M2R5ATE009 KEMET-T528Z337M2R5ATE009_16 Datasheet
1Mb / 15P
   T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
T528K157M006ATE150 KEMET-T528K157M006ATE150 Datasheet
122Kb / 1P
   Polymer FaceDown, Low ESR, Low ESL
logo
Richtek Technology Corp...
RT8152C RICHTEK-RT8152C Datasheet
406Kb / 24P
   Single-Phase PWM Controller for CPU / GPU Core Power Supply
RT8167B RICHTEK-RT8167B Datasheet
576Kb / 38P
   Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
logo
Maxim Integrated Produc...
MAX77874 MAXIM-MAX77874 Datasheet
1Mb / 37P
   16A High-Performance Quad-Phase Buck Regulator for Multicore CPU and GPU Processors
Rev 0; 11/16
logo
Cornell Dubilier Electr...
HZA-V CDE-HZA-V Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
logo
TDK Electronics
MLZ1608A2R2WT TDK-MLZ1608A2R2WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
logo
Cornell Dubilier Electr...
HZC-V CDE-HZC-V Datasheet
793Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
logo
Murata Manufacturing Co...
LLA315R70J225MA14 MURATA1-LLA315R70J225MA14 Datasheet
639Kb / 22P
   Low ESL Chip Monolithic Ceramic Capacitor for General
Sep.12,2016
logo
TDK Electronics
NLC565050T-331K-PF TDK-NLC565050T-331K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com