Electronic Components Datasheet Search |
|
9FGV0431AKLF Datasheet(PDF) 10 Page - Integrated Device Technology |
|
9FGV0431AKLF Datasheet(HTML) 10 Page - Integrated Device Technology |
10 / 16 page 9FGV0431 4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR IDT® 4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR 10 9FGV0431 JUNE 22, 2017 SMBus Table: Output Enable Register Byte 0 Name Control Function Type 0 1 Default Bit 7 1 Bit 6 1 Bit 5 1 Bit 4 1 Bit 3 DIF OE3 Output Enable RW Low/Low Enabled 1 Bit 2 DIF OE3 Output Enable RW Low/Low Enabled 1 Bit 1 DIF OE2 Output Enable RW Low/Low Enabled 1 Bit 0 DIF OE1 Output Enable RW Low/Low Enabled 1 SMBus Table: SS Readback and Vhigh Control Register Byte 1 Name Control Function Type 0 1 Default Bit 7 SSENRB1 SS Enable Readback Bit1 R Latch Bit 6 SSENRB1 SS Enable Readback Bit0 R Latch Bit 5 SSEN_SWCNTRL Enable SW control of SS RW SS control locked Values in B1[4:3] control SS amount. 0 Bit 4 SSENSW1 SS Enable Software Ctl Bit1 RW1 0 Bit 3 SSENSW0 SS Enable Software Ctl Bit0 RW1 0 Bit 2 1 Bit 1 AMPLITUDE 1 RW 00 = 0.6V 01 = 0.7V 1 Bit 0 AMPLITUDE 0 RW 10= 0.8V 11 = 0.9V 0 1. B1[5] must be set to a 1 for these bits to have any effect on the part. SMBus Table: DIF Slew Rate Control Register Byte 2 Name Control Function Type 0 1 Default Bit 7 1 Bit 6 1 Bit 5 1 Bit 4 1 Bit 3 SLEWRATESEL DIF3 Adjust Slew Rate of DIF3 RW 2.0V/ns 3.0V/ns 1 Bit 2 SLEWRATESEL DIF2 Adjust Slew Rate of DIF2 RW 2.0V/ns 3.0V/ns 1 Bit 1 SLEWRATESEL DIF1 Adjust Slew Rate of DIF3 RW 2.0V/ns 3.0V/ns 1 Bit 0 SLEWRATESEL DIF0 Adjust Slew Rate of DIF1 RW 2.0V/ns 3.0V/ns 1 SMBus Table: REF Control Register Byte 3 Name Control Function Type 0 1 Default Bit 7 RW 00 = 0.9V/ns 01 =1.3V/ns 0 Bit 6 RW 10 = 1.6V/ns 11 = 1.8V/ns 1 Bit 5 REF Power Down Function Wake-on-Lan Enable for REF RW REF does not run in Power Down REF runs in Power Down 0 Bit 4 REF OE REF Output Enable RW Low Enabled 1 Bit 3 1 Bit 2 1 Bit 1 1 Bit 0 1 Byte 4 is reserved and reads back 'hFF'. Reserved Reserved Reserved Reserved Reserved Reserved 00' = SS Off, '01' = -0.25% SS, '10' = Reserved, '11'= -0.5% SS 00' for SS_EN_tri = 0, '01' for SS_EN_tri = 'M', '11 for SS_EN_tri = '1' Reserved Reserved Reserved Reserved REF Reserved Controls Output Amplitude Slew Rate Control Reserved Reserved |
Similar Part No. - 9FGV0431AKLF |
|
Similar Description - 9FGV0431AKLF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |