Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGV0241AKLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9FGV0241AKLF
Description  2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGV0241AKLF Datasheet(HTML) 1 Page - Integrated Device Technology

  9FGV0241AKLF Datasheet HTML 1Page - Integrated Device Technology 9FGV0241AKLF Datasheet HTML 2Page - Integrated Device Technology 9FGV0241AKLF Datasheet HTML 3Page - Integrated Device Technology 9FGV0241AKLF Datasheet HTML 4Page - Integrated Device Technology 9FGV0241AKLF Datasheet HTML 5Page - Integrated Device Technology 9FGV0241AKLF Datasheet HTML 6Page - Integrated Device Technology 9FGV0241AKLF Datasheet HTML 7Page - Integrated Device Technology 9FGV0241AKLF Datasheet HTML 8Page - Integrated Device Technology 9FGV0241AKLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATASHEET
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0241
IDT®
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
1
9FGV0241
JUNE 22, 2017
Description
The 9FGV0241 is a 2-output very low power frequency
generator for PCIe Gen 1, 2, 3 and 4 applications with
integrated output terminations providing Zo=100
. The
device has 2 output enables for clock management and
supports 2 different spread spectrum levels in addition to
spread off.
Recommended Application
PCIe Gen1-4 clock generation for Riser Cards, Storage,
Networking, JBOD, Communications, Access Points
Output Features
2 – 0.7V low-power HCSL-compatible (LP-HCSL) DIF
pairs w/Zo=100
1 – 1.8V LVCMOS REF output w/Wake-On-LAN (WOL)
support
Key Specifications
DIF cycle-to-cycle jitter <50ps
DIF output-to-output skew <50ps
DIF phase jitter is PCIe Gen1-2-3-4 compliant
REF phase jitter is <1.5ps RMS
Features/Benefits
Integrated terminations provide 100 differential Zo;
reduced component count and board space
1.8V operation; reduced power consumption
OE# pins; support DIF power management
LP-HCSL differential clock outputs; reduced power and
board space
Programmable Slew rate for each output; allows tuning
for various line lengths
Programmable output amplitude; allows tuning for
various application environments
DIF outputs blocked until PLL is locked; clean system
start-up
Selectable 0%, -0.25% or -0.5% spread on DIF outputs;
reduces EMI
External 25MHz crystal; supports tight ppm with 0 ppm
synthesis error
Configuration can be accomplished with strapping pins;
SMBus interface not required for device control
3.3V tolerant SMBus interface works with legacy
controllers
Space saving 24-pin 4x4 mm VFQFPN; minimal board
space
Block Diagram
XIN/CLKIN_25
X2
vSS_EN_tri
^CKPWRGD_PD#
SDATA_3.3
REF
vOE(1:0)#
SCLK_3.3
vSADR
DIF0
DIF1
2
IDT 603-25-150JA4C or
603-25-150JA4I 25MHz
SSC Capable
PLL
Control
Logic


Similar Part No. - 9FGV0241AKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0241AKLF IDT-9FGV0241AKLF Datasheet
230Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN1/2/3 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0241AKLF RENESAS-9FGV0241AKLF Datasheet
616Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
November 16, 2022
logo
Integrated Device Techn...
9FGV0241AKLFT IDT-9FGV0241AKLFT Datasheet
230Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN1/2/3 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0241AKLFT RENESAS-9FGV0241AKLFT Datasheet
616Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
November 16, 2022
More results

Similar Description - 9FGV0241AKLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGV0231 RENESAS-9FGV0231 Datasheet
673Kb / 17P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_17 Datasheet
281Kb / 16P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0431 IDT-9FGV0431_17 Datasheet
289Kb / 16P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0441 IDT-9FGV0441_17 Datasheet
294Kb / 16P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0431 RENESAS-9FGV0431 Datasheet
693Kb / 17P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
9FGV0241 RENESAS-9FGV0241 Datasheet
616Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
November 16, 2022
9FGV0631C RENESAS-9FGV0631C Datasheet
648Kb / 17P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0631 IDT-9FGV0631 Datasheet
264Kb / 16P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
9FGV0831 IDT-9FGV0831_17 Datasheet
266Kb / 17P
   8-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
logo
Pericom Semiconductor C...
PI6CFGL401B PERICOM-PI6CFGL401B Datasheet
1Mb / 14P
   4-Output Low Power PCIE Gen 1-2-3 Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com