Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T528W337M006ATE0097280 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T528W337M006ATE0097280
Description  T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T528W337M006ATE0097280 Datasheet(HTML) 4 Page - Kemet Corporation

  T528W337M006ATE0097280 Datasheet HTML 1Page - Kemet Corporation T528W337M006ATE0097280 Datasheet HTML 2Page - Kemet Corporation T528W337M006ATE0097280 Datasheet HTML 3Page - Kemet Corporation T528W337M006ATE0097280 Datasheet HTML 4Page - Kemet Corporation T528W337M006ATE0097280 Datasheet HTML 5Page - Kemet Corporation T528W337M006ATE0097280 Datasheet HTML 6Page - Kemet Corporation T528W337M006ATE0097280 Datasheet HTML 7Page - Kemet Corporation T528W337M006ATE0097280 Datasheet HTML 8Page - Kemet Corporation T528W337M006ATE0097280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2018_T528 • 5/8/2017
44
KEMET Organic Capacitor (KO-CAP®) – Miniature
T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
Electrical Characteristics
1
10
100
1,000
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
T528Z337M2R5ATE012
T528Z337M2R5ATE009
T528Z337M2R5ATE007
Capacitancevs.Frequency
ESRvs.Frequency
0.001
0.01
0.1
1
10
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
T528Z337M2R5ATE012_Imp
T528Z337M2R5ATE009_Imp
T528Z337M2R5ATE007_Imp
T528Z337M2R5ATE012_ESR
T528Z337M2R5ATE009_ESR
T528Z337M2R5ATE007_ESR
Dimensions – Millimeters
SIDE VIEW
BOTTOM VIEW
END VIEW
H
W
L
F
S2
S1
(+)
(–)
Termination cutout
at KEMET's option,
either end
Case Size
Component Dimensions
Total
Weight
KEMET
EIA
L
W
H
F ±0.2
S1 ±0.4
S2 ±0.2
(mg)
B
3528–20
3.5±0.2
2.8±0.2 2.0 Maximum
2.2
0.8
0.8
94.85
W
7343–15
7.3±0.4
4.3±0.3 1.5 Maximum
2.8
5.0
1.3
222.95
Z
7343–17
7.3±0.4
4.3±0.3 1.7 Maximum
2.8
5.0
1.3
206.33
These weights are provided as reference. If exact weights are needed, please contact your KEMET Sales Representative


Similar Part No. - T528W337M006ATE0097280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T528W337M2R5ATE009 KEMET-T528W337M2R5ATE009 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T528, 330 uF, 20%, 2.5 V, 7343, SMD, Polymer, Low ESR, NonCombustible, Face Down, 9 mOhms, Height Max = 1.5mm
More results

Similar Description - T528W337M006ATE0097280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T528Z337M2R5ATE009 KEMET-T528Z337M2R5ATE009_16 Datasheet
1Mb / 15P
   T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
T528K157M006ATE150 KEMET-T528K157M006ATE150 Datasheet
122Kb / 1P
   Polymer FaceDown, Low ESR, Low ESL
logo
Richtek Technology Corp...
RT8152C RICHTEK-RT8152C Datasheet
406Kb / 24P
   Single-Phase PWM Controller for CPU / GPU Core Power Supply
RT8167B RICHTEK-RT8167B Datasheet
576Kb / 38P
   Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
logo
Maxim Integrated Produc...
MAX77874 MAXIM-MAX77874 Datasheet
1Mb / 37P
   16A High-Performance Quad-Phase Buck Regulator for Multicore CPU and GPU Processors
Rev 0; 11/16
logo
Cornell Dubilier Electr...
HZA-V CDE-HZA-V Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
logo
TDK Electronics
MLZ1608A2R2WT TDK-MLZ1608A2R2WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
logo
Cornell Dubilier Electr...
HZC-V CDE-HZC-V Datasheet
793Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
logo
Murata Manufacturing Co...
LLA315R70J225MA14 MURATA1-LLA315R70J225MA14 Datasheet
639Kb / 22P
   Low ESL Chip Monolithic Ceramic Capacitor for General
Sep.12,2016
logo
TDK Electronics
NLC565050T-331K-PF TDK-NLC565050T-331K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com