Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5L35021-dddNDGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 5L35021-dddNDGI
Description  Clock Generator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5L35021-dddNDGI Datasheet(HTML) 2 Page - Integrated Device Technology

  5L35021-dddNDGI Datasheet HTML 1Page - Integrated Device Technology 5L35021-dddNDGI Datasheet HTML 2Page - Integrated Device Technology 5L35021-dddNDGI Datasheet HTML 3Page - Integrated Device Technology 5L35021-dddNDGI Datasheet HTML 4Page - Integrated Device Technology 5L35021-dddNDGI Datasheet HTML 5Page - Integrated Device Technology 5L35021-dddNDGI Datasheet HTML 6Page - Integrated Device Technology 5L35021-dddNDGI Datasheet HTML 7Page - Integrated Device Technology 5L35021-dddNDGI Datasheet HTML 8Page - Integrated Device Technology 5L35021-dddNDGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
©2017 Integrated Device Technology, Inc.
July 13, 2017
5L35021 Datasheet
Pin Assignments
Figure 1. Pin Assignments for 3 x 3 mm 20-VFQFPN Package – Top View
Pin Descriptions
Table 1. Pin Descriptions
Number
Name
Type
Description
1VDDA
Power
VDD 1.8V
2SDA_DFC0
I/O
I2C data pin. The pin can be DFC0 function by pin 3 SEL_DFC power-on latch status.
3
SEL_DFC/
SCL_DFC1
Input
I2C CLK pin.
SEL_DFC is a latch input pin during the power-up.
High on power-on: I2C mode as SCLK function.
Low on power-on: pin 3 SCL and pin 2 SDA as DFC function control pins.
4
CLKIN/X2
I/O
Crystal oscillator interface output or differential clock input pin (CLKIN).
5
CLKINB/X1
Input
Crystal oscillator interface input or differential clock input pin (CLKINB).
6VBAT
Power
Power supply pin for 32.768kHz DCO; usually connect to coin cell battery, 1.8V.
7VSS
Power
Connect to ground.
8VDD18
Power
VDD 1.8V.
9VSSSE1
Power
Connect to ground.
10
VDDSE1
Power
Output power supply. Connect to 1.8V. Sets output voltage levels for SE1.
11
SE1
Output
Output clock SE1.
12
OE1
Input
OE1’s function selected from OTP pre-programmed register bits.
OE1 pull to 6.5V when burn OTP registers.
Refer to OE Pin Functions table for details.
13
VDDDIFF1
Power
Output power supply. Connect to 1.8V. Sets output voltage levels for DIFF1.
3 x 3 mm 20-QFN
5L35021
CLKINB/X1
CLKIN/X2
SEL_DFC/SCL_DFC1
SDA_DFCO
VDDA
2
3
4
5
SE1
OE1
VDDDIFF1
DIFF1B
DIFF1
67
8
9
10
20
19
18
17
16
1
15
14
13
12
11


Similar Part No. - 5L35021-dddNDGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5L35021-DDDNDGI RENESAS-5L35021-DDDNDGI Datasheet
969Kb / 39P
   VersaClock® 3S Programmable Clock Generator
October 4, 2019
5L35021-DDDNDGI8 RENESAS-5L35021-DDDNDGI8 Datasheet
969Kb / 39P
   VersaClock® 3S Programmable Clock Generator
October 4, 2019
More results

Similar Description - 5L35021-dddNDGI

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
   Clock Generator
logo
Intel Corporation
P4201A INTEL-P4201A Datasheet
25Kb / 1P
   CLOCK GENERATOR
logo
Winbond
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
   Clock Generator
logo
Rohm
BU3072HFV ROHM-BU3072HFV Datasheet
248Kb / 6P
   Clock Generator
BU2396KN ROHM-BU2396KN Datasheet
275Kb / 6P
   Clock Generator
logo
List of Unclassifed Man...
VT8225 ETC-VT8225 Datasheet
20Kb / 4P
   Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com