Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5L35021-000NDGI8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 5L35021-000NDGI8
Description  Clock Generator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5L35021-000NDGI8 Datasheet(HTML) 3 Page - Integrated Device Technology

  5L35021-000NDGI8 Datasheet HTML 1Page - Integrated Device Technology 5L35021-000NDGI8 Datasheet HTML 2Page - Integrated Device Technology 5L35021-000NDGI8 Datasheet HTML 3Page - Integrated Device Technology 5L35021-000NDGI8 Datasheet HTML 4Page - Integrated Device Technology 5L35021-000NDGI8 Datasheet HTML 5Page - Integrated Device Technology 5L35021-000NDGI8 Datasheet HTML 6Page - Integrated Device Technology 5L35021-000NDGI8 Datasheet HTML 7Page - Integrated Device Technology 5L35021-000NDGI8 Datasheet HTML 8Page - Integrated Device Technology 5L35021-000NDGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3
©2017 Integrated Device Technology, Inc.
July 13, 2017
5L35021 Datasheet
Detailed Block Diagram
14
DIFF1B
Output
Differential clock output 1_Complement; can be OTP pre-programmed to
LVCMOS/LPHCSL output type.
15
DIFF1
Output
Differential clock output 1_True; can be OTP pre-programmed to LVCMOS/LPHCSL
output type.
16
VSSDIFF1
Power
Connect to ground.
17
VDDDIFF2
Power
Output power supply. Connect to 1.8V. Sets output voltage levels for DIFF2.
18
DIFF2B
Output
Differential clock output 2_Complement; can be OTP pre-programmed to
LVCMOS/LPHCSL output type.
19
DIFF2
Output
Differential clock output 2_True; can be OTP pre-programmed to LVCMOS/LPHCSL
output type.
20
VSSDIFF2
Power
Connect to ground.
EPAD
Power
Connect to ground pad.
Table 1. Pin Descriptions (Cont.)
Number
Name
Type
Description
Overshot Reduction
(ORT)
OSC
PLL2
DIV
3
DIFF2
DIFF2B
DIFF1
DIFF1B
SE1
PLL1
DIV
1
DIV
5
PLL3
DIV
4
DIV
2
OE1
CLKIN/X2
CLKINB/X1
SDA_DFC0
SCL_DFC1
OTP memory (1 configuration)
MUX
MUX
MUX
MUX
MUX
MUX
MUX
MUX
MUX
MUX
32K
DIV5
DIV4/REF
DIV3
DIV1/REF
DIV1/REF
DIV3
Proactive Power Saving Logic (PPS)
I2C Engine
VDDSE1
VDDDIFF1
VDDDIFF2
Timer
Dynamic Frequency Control Logic (DFC)
POR
Power
Monitor
VDD18
VBAT
32.768K
DCO
Calibration
VSS
VDDA
MUX
MUX
MUX
MUX


Similar Part No. - 5L35021-000NDGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5L35021-000NDGI8 RENESAS-5L35021-000NDGI8 Datasheet
969Kb / 39P
   VersaClock® 3S Programmable Clock Generator
October 4, 2019
More results

Similar Description - 5L35021-000NDGI8

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
   Clock Generator
logo
Intel Corporation
P4201A INTEL-P4201A Datasheet
25Kb / 1P
   CLOCK GENERATOR
logo
Winbond
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
   Clock Generator
logo
Rohm
BU3072HFV ROHM-BU3072HFV Datasheet
248Kb / 6P
   Clock Generator
BU2396KN ROHM-BU2396KN Datasheet
275Kb / 6P
   Clock Generator
logo
List of Unclassifed Man...
VT8225 ETC-VT8225 Datasheet
20Kb / 4P
   Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com