Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24400 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24400
Description  Programmable NiCd/NiMH Fast-Charge Management Device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24400 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24400 Datasheet HTML 5Page - Texas Instruments BQ24400 Datasheet HTML 6Page - Texas Instruments BQ24400 Datasheet HTML 7Page - Texas Instruments BQ24400 Datasheet HTML 8Page - Texas Instruments BQ24400 Datasheet HTML 9Page - Texas Instruments BQ24400 Datasheet HTML 10Page - Texas Instruments BQ24400 Datasheet HTML 11Page - Texas Instruments BQ24400 Datasheet HTML 12Page - Texas Instruments BQ24400 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Temperature Monitoring
The bq24400 measures the temperature by the voltage at
the TS pin. This voltage is typically generated by a nega-
tive-temperature-coefficient thermistor. The bq24400
compares this voltage against its internal threshold
voltages to determine if charging is safe. These
thresholds are the following:
l
High-temperature cutoff voltage: VTCO = 0.225 ∗ VCC
This voltage corresponds to the maximum temperature
(TCO) at which fast charging is allowed. The bq24400
terminates fast charge if the voltage on pin TS falls
below VTCO.
l
High-temperature fault voltage: VHTF = 0.25 ∗ VCC This
voltage corresponds to the temperature (HTF) at which
fast charging is allowed to begin.
l
Low-temperature fault voltage: VLTF = 0.5 ∗ VCC
This voltage corresponds to the minimum temperature
(LTF) at which fast charging or top-off is allowed. If the
voltage on pin TS rises above VLTF, the bq24400
suspends fast charge or top-off but does not terminate
charge. When the voltage falls back below VLTF, fast
charge or top-off resumes from the point where
suspended. Trickle-charge is allowed during this
condition.
Table 3 summarizes these various conditions.
Charge Status Display
The charge status is indicated by open-drain output LED.
Table 4 summarizes the display output of the bq24400.
Sleep Mode
The bq24400 features a sleep mode for low power con-
sumption. This mode is enabled when the voltage at pin
BAT is above the low-power-mode threshold, VSLP. Dur-
ing sleep mode, the bq24400 shuts down all internal cir-
cuits, drives the LED output to high-impedance state,
and drives pin MOD to low. Restoring BAT below the
VMCV threshold initiates the IC and starts a fast-charge
cycle.
9
bq24400
2000TCS.eps
BAT-
Power Supply ground
bq2000 ground
SNS
RSNS
Rf
Cf
1
2
VSS
bq2000T
Figure 8. Current-Sensing Circuit
bq24400
bq24400


Similar Part No. - BQ24400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24400 TI1-BQ24400 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24400D TI1-BQ24400D Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24400DG4 TI1-BQ24400DG4 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24400DR TI1-BQ24400DR Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24400DRG4 TI1-BQ24400DRG4 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
More results

Similar Description - BQ24400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24401 TI-BQ24401 Datasheet
179Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com