Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMF-5V320WCXX Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # PMF-5V320WCXX
Description  PMF Panel Mount Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMF-5V320WCXX Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button PMF-5V320WCXX Datasheet HTML 4Page - Delta Electronics, Inc. PMF-5V320WCXX Datasheet HTML 5Page - Delta Electronics, Inc. PMF-5V320WCXX Datasheet HTML 6Page - Delta Electronics, Inc. PMF-5V320WCXX Datasheet HTML 7Page - Delta Electronics, Inc. PMF-5V320WCXX Datasheet HTML 8Page - Delta Electronics, Inc. PMF-5V320WCXX Datasheet HTML 9Page - Delta Electronics, Inc. PMF-5V320WCXX Datasheet HTML 10Page - Delta Electronics, Inc. PMF-5V320WCXX Datasheet HTML 11Page - Delta Electronics, Inc. PMF-5V320WCXX Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TECHNICAL DATASHEET
PMF Panel Mount Power Supply
5V 275W 1 Phase / PMF-5V320WC
□□
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (May 2017, Rev. 01)
8
Engineering Data
Output Load De-rating VS Surrounding Air Temperature
Output Load De-rating VS Input Voltage
Note
1.
Power supply components may degrade, or
be damaged, when the power supply is
continuously used outside the shaded region,
refer to the graph shown in Fig. 1.
2.
If the output capacity is not reduced when the
surrounding air temperature exceeds
its
specification as defined on Page 3 under
“Environment”, the device will run into Over
Temperature Protection. When activated, the
output voltage will go into bouncing mode
and will recover when the surrounding air
temperature is lowered or the load is reduced
as far as necessary to keep the device in
working condition.
3.
In order for the device to function in the
manner intended, it is also necessary to keep
a safety distance as recommended in the
safety instructions while the device is in
operation.
4.
Depending
on
the
surrounding
air
temperature and output load delivered by the
power supply, the device can be very hot!
5.
If the device has to be mounted in any other
orientation,
please
contact
info@deltapsu.com for more details.
Fig. 1
De-rating for Vertical and Horizontal Mounting Orientation
> 50°C de-rate power by 2.5% / °C
No output power de-rating for the input
voltage from 90Vac to 264Vac


Similar Part No. - PMF-5V320WCXX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMF-24V200WCXX DELTA-PMF-24V200WCXX Datasheet
1Mb / 14P
   PMF Panel Mount Power Supply
PMF-24V240WCXX DELTA-PMF-24V240WCXX Datasheet
1Mb / 14P
   Built-in Active PFC and fan speed control
PMF-24V320WCXX DELTA-PMF-24V320WCXX Datasheet
1Mb / 15P
   PMF Panel Mount Power Supply
PMF-4V320WCXX DELTA-PMF-4V320WCXX Datasheet
1Mb / 13P
   PMF Panel Mount Power Supply
More results

Similar Description - PMF-5V320WCXX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMF-24V320WCXX DELTA-PMF-24V320WCXX Datasheet
1Mb / 15P
   PMF Panel Mount Power Supply
PMF-4V320WCXX DELTA-PMF-4V320WCXX Datasheet
1Mb / 13P
   PMF Panel Mount Power Supply
PMF-24V200WCXX DELTA-PMF-24V200WCXX Datasheet
1Mb / 14P
   PMF Panel Mount Power Supply
PMC-12V035W1AA DELTA-PMC-12V035W1AA_13 Datasheet
965Kb / 12P
   PMC Panel Mount Power Supply
PMC-12V050W1AA DELTA-PMC-12V050W1AA_13 Datasheet
944Kb / 11P
   PMC Panel Mount Power Supply
PMC-24V150W1AX DELTA-PMC-24V150W1AX Datasheet
646Kb / 12P
   PMC Panel Mount Power Supply
PMT-24V150W1AAA DELTA-PMT-24V150W1AAA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-D2V100W1AAA DELTA-PMT-D2V100W1AAA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-12V35W1AX DELTA-PMT-12V35W1AX Datasheet
494Kb / 10P
   PMT Panel Mount Power Supply
PMC-24V600W1BA DELTA-PMC-24V600W1BA Datasheet
1Mb / 14P
   PMC Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com