Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Sxx12RTP Datasheet(PDF) 5 Page - Littelfuse

Part # Sxx12RTP
Description  RoHS compliant
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Sxx12RTP Datasheet(HTML) 5 Page - Littelfuse

  Sxx12RTP Datasheet HTML 1Page - Littelfuse Sxx12RTP Datasheet HTML 2Page - Littelfuse Sxx12RTP Datasheet HTML 3Page - Littelfuse Sxx12RTP Datasheet HTML 4Page - Littelfuse Sxx12RTP Datasheet HTML 5Page - Littelfuse Sxx12RTP Datasheet HTML 6Page - Littelfuse Sxx12RTP Datasheet HTML 7Page - Littelfuse Sxx12RTP Datasheet HTML 8Page - Littelfuse Sxx12RTP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/02/16
Teccor® brand Thyristors
12 Amp Standard SCRs
Figure 9: Maximum Allowable Ambient Temperature
vs. Average On-State Current
0
20
40
60
80
100
120
0
.
0
Sxx12V
Average On-State Current [I
T(AVE)] - Amps
0.5
1.0
1.5
2.0
Sxx12R
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
FREE AIR RATING
Sxx12L
Figure 10: Peak Capacitor Discharge Current
10
100
1000
0
.
0
5
0
.
5
2
0
.
5
5.
0
Pulse Current Duration (t
w) - ms
I
TRM
t
W
Figure 11: Peak Capacitor Discharge Current Derating
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
Case Temperature (T
C) - °C
1
10
100
1000
0
0
0
1
0
0
1
0
1
1
Surge Current Duration - Full Cycles
Figure 12: Surge Peak On-State Current vs. Number of Cycles
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS On-State Current: [I
T(RMS)]: Maximum Rated
Value at Specified Case Temperature
Notes:
1. Gate control may be lost during and immediately
following surge current interval.
2. Overload may not be repeated until junction
temperature has returned to steady-state
rated value.


Similar Part No. - Sxx12RTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX12RTP LITTELFUSE-SXX12RTP Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
More results

Similar Description - Sxx12RTP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com