Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Sxx12D Datasheet(PDF) 2 Page - Littelfuse

Part # Sxx12D
Description  RoHS compliant
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Sxx12D Datasheet(HTML) 2 Page - Littelfuse

  Sxx12D Datasheet HTML 1Page - Littelfuse Sxx12D Datasheet HTML 2Page - Littelfuse Sxx12D Datasheet HTML 3Page - Littelfuse Sxx12D Datasheet HTML 4Page - Littelfuse Sxx12D Datasheet HTML 5Page - Littelfuse Sxx12D Datasheet HTML 6Page - Littelfuse Sxx12D Datasheet HTML 7Page - Littelfuse Sxx12D Datasheet HTML 8Page - Littelfuse Sxx12D Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/02/16
Teccor® brand Thyristors
12 Amp Standard SCRs
Absolute Maximum Ratings
Symbol
Parameter
Test Conditions
Value
Unit
I
T(RMS)
RMS on-state current
Sxx12L
T
C = 72°C
12
A
Sxx12R
Sxx12D
Sxx12V
T
C = 105°C
I
T(AV)
Average on-state current
Sxx12L
T
C =72°C
7.6
A
Sxx12R
Sxx12D
Sxx12V
T
C =105°C
I
TSM
Peak non-repetitive surge current
(single half cycle, T
J (initial) = 25°C)
Sxx12L
Sxx12R
f = 50Hz
120
A
f = 60Hz
130
Sxx12D
Sxx12V
f = 50Hz
100
f = 60Hz
120
I2t
I2t Value for fusing
Sxx12L
Sxx12R
t
p = 8.3 ms
70
A2s
Sxx12D
Sxx12V
60
di/dt
Critical rate of rise of on-state current
f = 60Hz; T
J = 125°C
100
A/μs
I
GM
Peak gate current
T
J = 125°C
2
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.5
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
Note: xx = voltage
Electrical Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
Value
Unit
I
GT
V
D = 12V RL = 60 Ω
MAX.
20
mA
MIN.
1
V
GT
V
D = 12V RL = 60 Ω
MAX.
1.5
V
dv/dt
V
D = VDRM; gate open; TJ = 100°C
400V
MIN.
350
V/μs
600V
300
800V
250
1000V
100
V
D = VDRM; gate open; TJ = 125°C
400V
250
600V
225
800V
200
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 125°C
MIN.
0.2
V
I
H
I
T = 200mA (initial)
MAX.
40
mA
t
q
I
T = 2A; tp = 50µs; dv/dt = 5V/µs; di/dt = 30A/µs
MAX.
35
μs
t
gt
I
G = 2 x IGT PW = 15µs IT = 20A
TYP.
2
μs


Similar Part No. - Sxx12D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX12DRP LITTELFUSE-SXX12DRP Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX12DTP LITTELFUSE-SXX12DTP Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
More results

Similar Description - Sxx12D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com