Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Sxx08DS2 Datasheet(PDF) 7 Page - Littelfuse

Part # Sxx08DS2
Description  Excellent unidirectional switches for phase control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Sxx08DS2 Datasheet(HTML) 7 Page - Littelfuse

Back Button Sxx08DS2 Datasheet HTML 3Page - Littelfuse Sxx08DS2 Datasheet HTML 4Page - Littelfuse Sxx08DS2 Datasheet HTML 5Page - Littelfuse Sxx08DS2 Datasheet HTML 6Page - Littelfuse Sxx08DS2 Datasheet HTML 7Page - Littelfuse Sxx08DS2 Datasheet HTML 8Page - Littelfuse Sxx08DS2 Datasheet HTML 9Page - Littelfuse Sxx08DS2 Datasheet HTML 10Page - Littelfuse Sxx08DS2 Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/02/16
Teccor® brand Thyristors
8 Amp Sensitive & Standard SCRs
Soldering Parameters
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp)
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
280°C
Physical Specifications
Environmental Specifications
Test
Specifications and Conditions
AC Blocking
MIL-STD-750, M-1040, Cond A Applied
Peak AC voltage @ 125°C for 1008 hours
Temperature Cycling
MIL-STD-750, M-1051,
100 cycles; -40°C to +150°C; 15-min
dwell-time
Temperature/
Humidity
EIA / JEDEC, JESD22-A101
1008 hours; 320V - DC: 85°C; 85%
rel humidity
High Temp Storage
MIL-STD-750, M-1031,
1008 hours; 150°C
Low-Temp Storage
1008 hours; -40°C
Resistance to
Solder Heat
MIL-STD-750 Method 2031
Solderability
ANSI/J-STD-002, category 3, Test A
Lead Bend
MIL-STD-750, M-2036 Cond E
Terminal Finish
100% Matte Tin-plated
Body Material
UL recognized epoxy meeting flammability
classification 94V-0
Lead Material
Copper Alloy
Design Considerations
Careful selection of the correct device for the application’s
operating parameters and environment will go a long way
toward extending the operating life of the Thyristor. Good
design practice should limit the maximum continuous
current through the main terminals to 75% of the device
rating. Other ways to ensure long life for a power discrete
semiconductor are proper heat sinking and selection of
voltage ratings for worst case conditions. Overheating,
overvoltage (including dv/dt), and surge currents are
the main killers of semiconductors. Correct mounting,
soldering, and forming of the leads also help protect
against component damage.
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do


Similar Part No. - Sxx08DS2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX08DS2 LITTELFUSE-SXX08DS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
More results

Similar Description - Sxx08DS2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX40R LITTELFUSE-SXX40R Datasheet
906Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com