Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB6100-21x-0 Datasheet(PDF) 2 Page - Littelfuse

Part # SB6100-21x-0
Description  ISB is also available with adjustable protection settings
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SB6100-21x-0 Datasheet(HTML) 2 Page - Littelfuse

  SB6100-21x-0 Datasheet HTML 1Page - Littelfuse SB6100-21x-0 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2017 Littelfuse Protection Relays & Controls
Personnel Protection
Specifications
Voltage Rating
See ordering information
Current Rating
100 A (continuous)
Load
3-phase, 3-wire (no neutral) or 1-phase
(line-to-line), 60 Hz
Short-Circuit
50,000 A
Current Rating
Trip Level Settings
Selectable (6, 10, 20, 30, 40, 50, 60, 70, 80, 90,
100 mA), or fixed at 20 mA
Trip Time Setting
Inverse time trip curve
Enclosure
NEMA 4X, Polyester, Lockable
Operating Temperature –35°C (–31°F) to +40°C(104°F), up to +66°C (151°F)
with derating
Wiring Requirements
2/0 AWG (maximum)
Approval
GFCI: UL Listed (enclosed models) and UL
Recognized component (open-chassis models)
EGFPD: cULus Listed (enclosed models) and cURus
Recognized Component (open-chassis models);
UL1998 Compliant (revision 01 or higher);
All models CSA Certified
Dimensions
Enclosed: H 453.8 mm (17.9”);
W 406.2 mm (16.0”); D 223.3 mm (8.8”)
Open-chassis: H 455.0 mm (17.9”);
W 340.7 mm (13.4”); D 174.9 mm (6.8”)
Warranty
1 year
Accessories
ACCESSORIES
REQUIREMENT
PAGE*
AC6000-OPI-00
Included
N/A
1N5339B
Included
120
SE-TA6
Optional
120
SE-TA6-SM
Optional
120
SE-TA6ASF-WL
Optional
120
AC6000-CART-00
Optional
N/A
AC6000-MNT-00
Optional
N/A
Ordering Information - Accessories
© 2017 Littelfuse Protection Relays & Controls
Littelfuse.com/IndustrialShockBlock
Connection Diagram
The SB6100 is installed in-line between incoming power or existing
over-current protection device and the load.
The open-chassis SB6100 can be installed in electrical equipment and
the enclosed version is typically wall-mounted.
Incoming Power
SB6100 Industrial
Shock-Block
Enclosed Model
Circuit Breaker
SB6100
Industrial
Shock-Block
Open-Chasis
Model
Circuit Breaker
Littelfuse reserves the right to make product changes, without notice. Material in this document is as accurate as known at the time of publication. Visit Littelfuse.com for the most up-to-date information.
Rev: 4-K-061517
Based on Manual Rev. 1-G-042417
SB6000 SERIES
Industrial Shock-Block
Operator Interface
(AC6000-OPI-00)
1N5339B - Termination Device
Axial-lead ground-check termination,
included with SB6000 series
SE-TA6 - Termination Assembly
Optional termination assembly with
terminals and mounting holes
SE-TA6-SM Stud-Mount
Termination Assembly
Optional ground-check termination
for submersible pumps
AC6000-CART-00
Two-wheeled Cart
Optional for mounting ISB to allow for
moving the unit while power is off
AC6000-MNT-00
Mounting Frame
Optional for mounting ISB to a cart
or other surface. Included with the
AC6000-CART-00.
A
B


Similar Part No. - SB6100-21x-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SB61A ETC2-SB61A Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
SB61B ETC2-SB61B Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
More results

Similar Description - SB6100-21x-0

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S101S06F SHARP-S101S06F Datasheet
244Kb / 13P
   Non-zero cross type is also available. (S101S05V Series)
logo
OSRAM GmbH
SFH4640EN OSRAM-SFH4640EN Datasheet
481Kb / 13P
   Also available as Sidelooker
logo
Sharp Corporation
S202SE2F SHARP-S202SE2F Datasheet
250Kb / 14P
   Non-zero cross type is also available. (S202SE1 Series)
logo
Aries Electronics, Inc.
505 ARIES-505 Datasheet
619Kb / 1P
   Pin polarization option also available
logo
ALPS ELECTRIC CO.,LTD.
RKJXK ALPS-RKJXK_15 Datasheet
992Kb / 5P
   Compact size, standard type. Also available with lever return mechanism
logo
PHOENIX CONTACT
0804500 PHOENIX-0804500 Datasheet
54Kb / 2P
   In addition, a comprehensive range of pre-assembled engraving materials is also available
logo
ALPS ELECTRIC CO.,LTD.
SKQY ALPS-SKQY_15 Datasheet
901Kb / 4P
   Compact switch with contact sealing structure, also available with ground terminal
logo
Productwell Precision E...
RKJXK3001 PRODUCTWELL-RKJXK3001 Datasheet
521Kb / 3P
   Most miniaturized series in our joystick controllers.3-dimensional coordinate type is also available
RKJXK3002 PRODUCTWELL-RKJXK3002 Datasheet
484Kb / 3P
   Most miniaturized series in our joystick controllers.3-dimensional coordinate type is also available
logo
Suntan Capacitors
1N4148W SUNTAN-1N4148W Datasheet
213Kb / 3P
   These diodes are also available in other case
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com