Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE-134C Datasheet(PDF) 1 Page - Littelfuse

Part # SE-134C
Description  The SE-134C/SE-135 is a microprocessor-based
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SE-134C Datasheet(HTML) 1 Page - Littelfuse

  SE-134C Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Protection Relays & Controls
© 2014 Littelfuse Protection Relays & Controls
Rev: 4-D-102214
SE-134C Based on Manual Rev: 7-C-100114
SE-135 Based on Manual Rev: 3-C-100314
Littelfuse.com/se-134c, Littelfuse.com/se-135
Trailing Cable Protection–Ground-Fault Ground-Check Monitoring
SE-134C, SE-135 SERIES
Ground-Fault Ground-Check Monitor
Description
The SE-134C/SE-135 is a microprocessor-based, combination
ground-wire monitor and ground-fault relay for resistance-
grounded or solidly grounded systems. It continuously
monitors the integrity of the ground conductor to protect
portable equipment from hazardous voltages caused by ground
faults. The SE-134C/SE-135 is field proven in monitoring trailing
cables on large mobile equipment such as drag-lines, mining
shovels, shore-to-ship power cables, dock-side cranes, stacker-
reclaimers, submersible pumps, and portable conveyors.
Specifications
IEEE Device Numbers
Checking or Interlocking Relay (3GC),
Ground fault (50G/N, 51G/N)
Input Voltage
65-265 Vac; 85-275 Vdc; 18-72 Vdc
Dimensions
H 213 mm (8.4"); W 99 mm (3.9"); D 132 mm (5.2");
Trip Level Settings
0.5-12.5 A for SE-CS10, 2 - 50 A for SE-CS40
Trip Time Settings
0.1-2.5 s
Contact Operating Mode
Selectable fail-safe or non-fail-safe
Harmonic Filtering
Standard feature
Test Button
Standard feature
Reset Button
Standard feature
Output Contacts
Isolated Form A and Form B, Two Form C
Approvals
CSA certified, UL Listed (E340889),
C-Tick (Australia)(3), CE(3)
Conformally Coated
Standard feature
Warranty
5 years
Mounting
Panel, Surface
GC Trip Resistance
28Ω (Standard), 45Ω (XGC Option)
ORDERING
NUMBER
OPTION
POWER SUPPLY
COMM
SE-134C
Blank or
XGC
0=120/240
Vac/Vdc
0=None
1=24/48 Vdc (1)
SE-135
Blank or
XGC
0=120/240
Vac/Vdc
0=None
1=24/48 Vdc (1) (2)
3=Ethernet (1)
Ordering Information
(1) CE/C-Tick not available.
(2) Not available with Ethernet option 3.
(3) See ordering information.
See Current Transformer Selection Guide and Accessory Information.
Simplified Circuit Diagram
SE-CS10 or SE-CS40 Series Ground-Fault
Current Transformer
Required zero-sequence current transformer
detects ground-fault current.
SE-TA6A Series, SE-TA12A Series
Termination Assembly
Required termination assembly; temperature
compensated.
Accessories
A
B
FEATURES
BENEFITS
Adjustable pickup
(0.5-12.5 A for SE-CS10)
(2 - 50 A for SE-CS40)
Unit can be used on a wide variety of trailing cable
applications
Adjustable time delay
(0.1-2.5 s)
Adjustable trip delay for quick protection and system
coordination
Output contacts
Separate annunciation of ground-fault and ground-
check faults
Ground-check
LED indication
Indication of open or short ground-check wire
makes it easier to find faults
CT-loop monitoring
Alarms when CT is not connected
High-induced-ac
rejection
Makes unit suitable for applications with high
voltages and long cables
DFT (Harmonic) filter
Prevents false operation
Zener-characteristic
termination assembly
Provides reliable ground-check loop verification
Fail-safe circuits
Ensures ground-check and ground-fault circuits
remain safe even in the event of equipment failure
Conformal coating
Additional coating protects circuit boards against
harsh environment
XGC option
Increases maximum cable length for ground-check
monitoring (10 km typical)
Features & Benefits
ACCESSORIES
REQUIREMENT
SE-CS10 Series
Required
SE-CS40 Series (for SE-135)
Optional
SE-TA6A Series (for SE-134C)
Required
SE-TA12A/SE-TA12B
Combination (for SE-134C)
Optional
SE-TA12A Series (for SE-135)
Required
SE-IP65CVR-G
Optional
RK-132
Optional
PPI-600V
Optional
TRAILING
CABLE
CT
L2
L1
TERMINATION
DEVICE
A
G
GC
C
B
GROUNDED
SUPPLY
M
SE-134C SERIES
SE-135 SERIES
(Ground-Fault
Ground-Check
Monitor)
B
A


Similar Part No. - SE-134C

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SE-1/2-B FESTO-SE-1/2-B Datasheet
100Kb / 1P
   Quick exhaust valve
4/11/22
SE-1/4-B FESTO-SE-1/4-B Datasheet
101Kb / 1P
   Quick exhaust valve
4/11/22
SE-1/8-B FESTO-SE-1/8-B Datasheet
102Kb / 1P
   Quick exhaust valve
4/11/22
logo
Ningbo songle relay co....
SE-10 SONGLERELAY-SE-10 Datasheet
3Mb / 2P
   15A switching capability
SE-10-12VDC-F-L SONGLERELAY-SE-10-12VDC-F-L Datasheet
3Mb / 2P
   15A switching capability
More results

Similar Description - SE-134C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SE-701 LITTELFUSE-SE-701 Datasheet
2Mb / 1P
   The SE-701 is a microprocessor-based
SE-601 LITTELFUSE-SE-601 Datasheet
2Mb / 1P
   The SE-601 is a microprocessor-based ground-fault
SE-703 LITTELFUSE-SE-703 Datasheet
298Kb / 1P
   The SE-703 is a microprocessor-based earth-fault
SE-704 LITTELFUSE-SE-704 Datasheet
370Kb / 1P
   The SE-704 is a microprocessor-based ground-fault relay
SE-105 LITTELFUSE-SE-105 Datasheet
388Kb / 1P
   The SE-105/SE-107 is a combination ground-wire monitor
SE-145 LITTELFUSE-SE-145 Datasheet
2Mb / 1P
   The SE-145 is a three-channel
EL731 LITTELFUSE-EL731 Datasheet
375Kb / 2P
   The EL731 is a microprocessor-based
PGR-8800 LITTELFUSE-PGR-8800 Datasheet
480Kb / 2P
   The PGR-8800 is a microprocessor-based
SIO-RTD LITTELFUSE-SIO-RTD Datasheet
147Kb / 1P
   The SIO-RTD is a microprocessor-based
logo
World Produts Inc.
WPANT30026-SE WPI-WPANT30026-SE Datasheet
453Kb / 6P
   The WPANT30026-SE antenna is a high performance Omni directional
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com