Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Qxx25P5 Datasheet(PDF) 9 Page - Littelfuse

Part # Qxx25P5
Description  RoHS compliant
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Qxx25P5 Datasheet(HTML) 9 Page - Littelfuse

Back Button Qxx25P5 Datasheet HTML 3Page - Littelfuse Qxx25P5 Datasheet HTML 4Page - Littelfuse Qxx25P5 Datasheet HTML 5Page - Littelfuse Qxx25P5 Datasheet HTML 6Page - Littelfuse Qxx25P5 Datasheet HTML 7Page - Littelfuse Qxx25P5 Datasheet HTML 8Page - Littelfuse Qxx25P5 Datasheet HTML 9Page - Littelfuse Qxx25P5 Datasheet HTML 10Page - Littelfuse Qxx25P5 Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/30/16
Teccor® brand Thyristors
25 Amp Standard & Alternistor (High Commutation) Triacs
Dimensions — TO-218X (J Package) — Isolated Mounting Tab
Dimensions — TO-3 (P Package) Fastpak* — Isolated Mounting Tab
G
R
Y
H
D
C
K
B
A
E
F
N
T
M
P
J
L
S
V
U (diameter)
W
X
MT1
MT2
Tc
Measurement
Point
Gate
Note: Maximum torque to
be applied to mounting tab
is 8 in-lbs. (0.904 Nm).
Z
MT2
Gate
MT1
Φ G
5 - Φ N
Φ J (MT1, MT2)
F
H
E
C
B
A
D
Q
O
R
S
P
U
T
I
M L
TC MeasuringPoint
Thickness of all three copper-alloy terminals is .032" (0.81 mm).
W
V
Φ K (Gate)
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.810
0.835
20.57
21.21
B
0.610
0.630
15.49
16.00
C
0.178
0.188
4.52
4.78
D
0.055
0.070
1.40
1.78
E
0.487
0.497
12.37
12.62
F
0.635
0.655
16.13
16.64
G
0.022
0.029
0.56
0.74
H
0.075
0.095
1.91
2.41
J
0.575
0.625
14.61
15.88
K
0.256
0.264
6.50
6.71
L
0.220
0.228
5.58
5.79
M
0.080
0.088
2.03
2.24
N
0.169
0.177
4.29
4.49
P
0.034
0.042
0.86
1.07
R
0.113
0.121
2.87
3.07
S
0.086
0.096
2.18
2.44
T
0.156
0.166
3.96
4.22
U
0.164
0.165
0.410
0.420
V
0.603
0.618
15.31
15.70
W
0.000
0.005
0.00
0.13
X
0.003
0.012
0.07
0.30
Y
0.028
0.032
0.71
0.81
Z
0.085
0.095
2.17
2.42
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
1.531
1.543
38.90
39.20
B
1.177
1.185
29.90
30.10
C
0.843
0.850
21.40
21.60
D
0.780
0.795
19.80
20.20
E
0.783
0.791
19.90
20.10
F
0.874
0.906
22.20
23.00
G
0.161
0.169
4.10
4.30
H
0.386
0.465
9.80
11.80
I
0.508
0.587
12.90
14.90
J
0.079
0.087
2.00
2.20
K
0.047
0.055
1.20
1.40
L
0.307
0.319
7.80
8.10
M
0.372
0.396
9.45
10.05
N
0.043
0.059
1.10
1.50
O
0.315
0.331
8.00
8.40
P
0.098
0.106
2.50
2.70
Q
0.846
0.886
21.50
22.50
R
0.244
0.256
6.20
6.50
S
0.106
0.130
2.70
3.30
T (MT1)
0.321
0.329
8.15
8.35
T (MT2)
0.321
0.329
8.15
8.35
T (Gate)
0.220
0.228
5.60
5.80
U (MT1)
0.246
0.254
6.25
6.45
U (MT2)
0.246
0.254
6.25
6.45
U (Gate)
0.183
0.191
4.65
4.85
V
0.120
0.130
3.05
3.30
W
0.175
0.185
4.45
4.70
Maximum torque to be applied to mounting tab is 8 in-lbs (0.904Nm).
Note: Not recommended for new designs.


Similar Part No. - Qxx25P5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXX25P5 LITTELFUSE-QXX25P5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
QXX25P5 LITTELFUSE-QXX25P5 Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25P5 LITTELFUSE-QXX25P5 Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results

Similar Description - Qxx25P5

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com