Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W55RFS27T1B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # W55RFS27T1B
Description  Super-Regeneration RF Transmitter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W55RFS27T1B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button W55RFS27T1B Datasheet HTML 7Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 8Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 9Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 10Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 11Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 12Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 13Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 14Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
W55RFS27T1B DataSheet
11
Revision: A3.0
Publish Date: Feb. 2010
- 11 -
Revision A1
4.1.2 Application Circuit for 6 Control Functions
Set TEST = 0,
1. Used when need F1 and F2.(more than 4 control functions)
2. When use 9V battery, an external power switch is required for power-saving
3. Need extra components to light LED
{Do c}
{Re vCo de}
W5 5RFS 27T 3B Ap pl ic atio n Ci rcui t (49MHz)
A
1
1
T ues day, Jul y 06, 200 4
T itl e
S ize
Docu ment Nu mber
Rev
Date:
S hee t
of
V DD
V SP LY
V DD
V DD
V DD
V DD
V DD
Dependent on Antenna
LED control circuit
Overtone Crystal
Input Protection
For 49MHZ
* 27MHz,(L1,C7)= (56nH, 470pF), (L7,C33)=none
* 35MHz,(L1,C7)= (47nH, 360pF), (L7,C33)=(3.3uH,47n)
* 40MHz,(L1,C7)= (47nH, 300pF), (L7,C33)=(2.2uH,47n)
* 49MHz,(L1,C7)= (39nH, 240pF), (L7,C33)=(1uH,47n)
ID0
ID1
1N41 48
D2
L2
1u H
JP 7
ID1
1
2
3
30 0
R5
JP 6
ID0
1
2
3
A NT E NNA
R1
20 K
C7
24 0p
S W1
Fo rward
1N41 48
D1
C19
47 n
S W2
B ackward
L7
1u H
R4
1K
LE D
LE D1
+
C18
10 u
C13 47 n
10 0u
C0
S W3
Le ft tu rn
S W5
F1
L1
39 nH
R3
1K
49 .8 6MHz
C8 7p
C9
7p
C33
47 n
S W6
F2
S W4
Rig ht turn
U1
W5 5RFS 27T 3B
T XOUT
14
X2
11
CKS E L0
3
V DD
8
V SS
7
A NT
6
CKS E L1
5
RES E T
9
S4
2
S3
1
S2
16
S1
15
ID1
12
ID0
13
T ES T
4
X1
10
JP 3
P ower In
1
2
B T1
B AT
S1
S1
CKS E L0
T XOUT
ID1
S2
S2
ID0
T XOUT
T XOUT
CKS E L1
CKS E L0
CKS E L1
S2
S1
W55RFS27T1B Application Schematic BOM(6-function):
Item
Qty
Reference
Part
________________________________________________________________________________
1
1
C7
240p
2
2
C8,C9
7p
3
3
C13,C19,C33
47n
4
1
C18
10u
5
1
L1
39nH
6
2
L2,L7
1uH
7
1
R1
20K
8
1
U1
W55RFS27T1B
9
1
Y1
49.86MHz


Similar Part No. - W55RFS27T1B

ManufacturerPart #DatasheetDescription
logo
Winbond
W55RFS27T1B WINBOND-W55RFS27T1B Datasheet
334Kb / 17P
   SUPER-REGENERATION RF TRANSMITTER
logo
Nuvoton Technology Corp...
W55RFS27T1B NUVOTON-W55RFS27T1B Datasheet
533Kb / 15P
   Super-Regeneration RF Transmitter
logo
Winbond
W55RFS27T1BH WINBOND-W55RFS27T1BH Datasheet
334Kb / 17P
   SUPER-REGENERATION RF TRANSMITTER
logo
Nuvoton Technology Corp...
W55RFS27T1BH NUVOTON-W55RFS27T1BH Datasheet
533Kb / 15P
   Super-Regeneration RF Transmitter
logo
Winbond
W55RFS27T1BW WINBOND-W55RFS27T1BW Datasheet
334Kb / 17P
   SUPER-REGENERATION RF TRANSMITTER
More results

Similar Description - W55RFS27T1B

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W55RFS27T3 NUVOTON-W55RFS27T3 Datasheet
392Kb / 12P
   Super-Regeneration RF Transmitter
W55RFS27T1B NUVOTON-W55RFS27T1B Datasheet
533Kb / 15P
   Super-Regeneration RF Transmitter
logo
List of Unclassifed Man...
W55RFS27T3 ETC2-W55RFS27T3 Datasheet
392Kb / 12P
   Super-Regeneration RF Transmitter
logo
Winbond
W55RFS27T1B WINBOND-W55RFS27T1B Datasheet
334Kb / 17P
   SUPER-REGENERATION RF TRANSMITTER
logo
Nuvoton Technology Corp...
W55RFS27R1B NUVOTON-W55RFS27R1B Datasheet
431Kb / 15P
   Super-Regeneration RF Receiver
logo
List of Unclassifed Man...
W55RFS27R1B ETC2-W55RFS27R1B Datasheet
431Kb / 15P
   Super-Regeneration RF Receiver
logo
Winbond
W55RFS27R1B WINBOND-W55RFS27R1B Datasheet
259Kb / 15P
   SUPER-REGENERATION RF RECEIVER
W55RFS27R3C WINBOND-W55RFS27R3C Datasheet
257Kb / 13P
   Super-Regeneration RF Receiver
logo
List of Unclassifed Man...
W55RFS27R3C ETC2-W55RFS27R3C Datasheet
485Kb / 12P
   Super-Regeneration RF Receiver
logo
Winbond
W55RFS27T3B WINBOND-W55RFS27T3B Datasheet
329Kb / 16P
   SUPER-REGENERATION RF RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com