Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV-160ANH2 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PV-160ANH2
Description  NH photovoltaic fuse links
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PV-160ANH2 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  PV-160ANH2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PV-160ANH2 Datasheet HTML 2Page - List of Unclassifed Manufacturers PV-160ANH2 Datasheet HTML 3Page - List of Unclassifed Manufacturers PV-160ANH2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PV-160ANH2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PV-160ANH2 Datasheet HTML 6Page - List of Unclassifed Manufacturers PV-160ANH2 Datasheet HTML 7Page - List of Unclassifed Manufacturers PV-160ANH2 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Technical Data 720133
Effective January 2016
Bussmann series NH photovoltaic fuse links
EATON www.eaton.com
Time current-curve - Blade with bolt holes, with or without lugs
0.01
0.1
1
10
100
1000
10000
10
100
1000
10000
Prospective current (A)
125A
100A
160A
80A
63A
200A
0.01
0.1
1
10
100
1000
10000
10
100
1000
10000
Prospective current (A)
250A
200A
160A
NH size 1
NH size 2


Similar Part No. - PV-160ANH2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PV-160ANH2 COOPER-PV-160ANH2 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
More results

Similar Description - PV-160ANH2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
Cooper Bussmann, Inc.
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
2NHG000B-690 COOPER-2NHG000B-690 Datasheet
330Kb / 9P
   NH DIN Dual Indication Fuse Links
SB1XL-S COOPER-SB1XL-S Datasheet
137Kb / 3P
   XL Fuse bases for XL Style photovoltaic fuse links
PV-15A14F COOPER-PV-15A14F Datasheet
90Kb / 3P
   14 x 51 mm Photovoltaic fuse links
logo
List of Unclassifed Man...
2NHG000B-690 ETC1-2NHG000B-690 Datasheet
614Kb / 9P
   690 Volts gG/gL NH Fuse links
PV-15A14LF ETC1-PV-15A14LF Datasheet
118Kb / 4P
   14 x 65 mm Photovoltaic fuse links
PV-15A14F ETC1-PV-15A14F Datasheet
90Kb / 3P
   14 x 51 mm Photovoltaic fuse links
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com