Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRP-C-2001SP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KRP-C-2001SP
Description  time-delay fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KRP-C-2001SP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KRP-C-2001SP Datasheet HTML 1Page - List of Unclassifed Manufacturers KRP-C-2001SP Datasheet HTML 2Page - List of Unclassifed Manufacturers KRP-C-2001SP Datasheet HTML 3Page - List of Unclassifed Manufacturers KRP-C-2001SP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 1009
Effective February 2016
Supersedes August 2015
Low-Peak™ KRP-C Class L 600Vac, 2001-6000A,
300Vdc 3000A time-delay fuses
Catalog symbol:
KRP-C-(amp)SP
Description:
Bussmann® series Ultimate protection KRP-C
Class L current-limiting, time-delay fuses. Time-
delay – 4 seconds (minimum) at 500% of rated
current.
Specifications:
Ratings
Volts
600Vac (2001-6000A)
300Vdc (3000A)
Amps 2001-6000A
IR
300kA Vac RMS Sym. (2001-6000A)
100kA Vdc (3000A)
Agency information
UL® Listed, Guide JDDZ, File E4273
CSA® Certified, Class 1422-02, File 53787,
Class L per CSA-C22.2 No. 248.10
CE
RoHS compliant
Catalog numbers (amps)
KRP-C-2001SP
KRP-C-3500SP
KRP-C-5000SP
KRP-C-2400SP
KRP-C-3800SP
KRP-C-6000SP
KRP-C-2500SP
KRP-C-4000SP
KRP-C-3000SP
KRP-C-4500SP
Carton quantity:
Amp rating
Carton qty.
2001-6000
1
Dimensions - in:
Features:
Industry’s only UL Listed and CSA Certified fuse
with a 300kA interrupting rating that allows for
simple, worry-free installation in virtually any
application.
Fast short-circuit protection with time-delay
performance provide ultimate protection.
Consistent 2:1 ampacity ratios for all Low-Peak
fuses make selective coordination easy.
Time-delay for close sizing load.
Current-limiting action of the fuse generally
affords considerable reduction in bus bracing.
All-purpose silver-linked fuse for both overload
and short-circuit protetion for high capacity
systems (mains and large feeders).
O-ring seals maximize pressure build-up
during current-limiting action and ensure filter
retention.
High-grade silica sand filler accelerates
response of fuse to short-circuits by having
quenching effect on the fuse arc.
99.9% pure silver links provide low watt loss
with low operating temperature on normal
current levels and minimizes total clearing I2t
fault energy left-through.
2001A
to
2500A
3000A
3500A
to
4000A
4500A
to
5000A
6000A
1.75"
1.38"
0.81"
0.88"
1.75"
1.38"
0.88"
1.63"
6.75"
10.75"
(± 0.09)
3.75"
1"
1"
0.75"
0.75"
0.75"
3.5"
5"
5.03" Max.
4"
5"
5.03" Max.
4.75"
5.75"
5.79" Max.
5.25"
6.25"
7.17" Max.
5.75"
7.13"
7.17" Max.
Terminals: Width (± 0.06), Thickness (± 0.03)


Similar Part No. - KRP-C-2001SP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KRP-C-2001SP COOPER-KRP-C-2001SP Datasheet
741Kb / 4P
   Low-Peak??KRP-C Class L 600Vac, 2001-6000A, 300Vdc 3000A time-delay fuses
logo
Eaton All Rights Reserv...
KRP-C-2001SP EATON-KRP-C-2001SP Datasheet
741Kb / 4P
   Low-Peak??KRP-C Class L 600Vac, 2001-6000A, 300Vdc 3000A time-delay fuses
More results

Similar Description - KRP-C-2001SP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
   Time-Delay Fuses
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
   time-delay fuses
6125TD ETC1-6125TD Datasheet
97Kb / 2P
   Brick Fuses Time Delay
logo
Eaton All Rights Reserv...
SR-5 EATON-SR-5 Datasheet
739Kb / 2P
   Subminiature time-delay fuses
logo
Cooper Bussmann, Inc.
BK-MDL-3 COOPER-BK-MDL-3 Datasheet
267Kb / 2P
   Time-Delay, Glass Tube Fuses
logo
Eaton All Rights Reserv...
MDA EATON-MDA Datasheet
344Kb / 2P
   Time-delay ceramic tube fuses
logo
Cooper Bussmann, Inc.
LPN-RK-70SPI COOPER-LPN-RK-70SPI Datasheet
138Kb / 3P
   Dual-Element Time-Delay Fuses
LPS-RK-70SPI COOPER-LPS-RK-70SPI Datasheet
127Kb / 3P
   Dual-Element, Time-Delay Fuses
logo
Bel Fuse Inc.
0ABB BEL-0ABB Datasheet
731Kb / 4P
   0603 Time Delay SMD Fuses
logo
Cooper Bussmann, Inc.
LPJ-6SPI COOPER-LPJ-6SPI Datasheet
110Kb / 3P
   Dual-Element Time-Delay Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com