Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ190A Datasheet(PDF) 7 Page - Jiangsu High diode Semiconductor Co., Ltd

Part # SMAJ190A
Description  SMAK Plastic-Encapsulate Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HDSEMI [Jiangsu High diode Semiconductor Co., Ltd]
Direct Link  http://www.h-diode.com/
Logo HDSEMI - Jiangsu High diode Semiconductor Co., Ltd

SMAJ190A Datasheet(HTML) 7 Page - Jiangsu High diode Semiconductor Co., Ltd

  SMAJ190A Datasheet HTML 1Page - Jiangsu High diode Semiconductor Co., Ltd SMAJ190A Datasheet HTML 2Page - Jiangsu High diode Semiconductor Co., Ltd SMAJ190A Datasheet HTML 3Page - Jiangsu High diode Semiconductor Co., Ltd SMAJ190A Datasheet HTML 4Page - Jiangsu High diode Semiconductor Co., Ltd SMAJ190A Datasheet HTML 5Page - Jiangsu High diode Semiconductor Co., Ltd SMAJ190A Datasheet HTML 6Page - Jiangsu High diode Semiconductor Co., Ltd SMAJ190A Datasheet HTML 7Page - Jiangsu High diode Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
//htmlimg2.alldatasheet.com/htmldatasheet2/951136/HDSEMI/SMAJ190A/1555/7/SMAJ190A.png


Similar Part No. - SMAJ190A

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SMAJ190A MERITEK-SMAJ190A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMAJ190A SOCAY-SMAJ190A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ190A SOCAY-SMAJ190A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ190A LUGUANG-SMAJ190A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMAJ190A UNSEMI-SMAJ190A Datasheet
3Mb / 8P
   3.3 To 440V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - SMAJ190A

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
SK22A HDSEMI-SK22A Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
SS34L-SMA HDSEMI-SS34L-SMA Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
US1A-SMAK HDSEMI-US1A-SMAK Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
1SMA5913A HDSEMI-1SMA5913A Datasheet
1Mb / 5P
   SMAK Plastic-Encapsulate Diodes
SS34L HDSEMI-SS34L Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
RS1A HDSEMI-RS1A Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
SK12A HDSEMI-SK12A Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
SS52A HDSEMI-SS52A Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
SMA5913B-3W HDSEMI-SMA5913B-3W Datasheet
1Mb / 5P
   SMAK Plastic-Encapsulate Diodes
US2AA HDSEMI-US2AA Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
S1A-SMAK HDSEMI-S1A-SMAK Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com