Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPGSCK611CWWA Datasheet(PDF) 2 Page - Carling Technologies

Part # LPGSCK611CWWA
Description  Illuminated Double Pole Rocker
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLINGTECH [Carling Technologies]
Direct Link  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

LPGSCK611CWWA Datasheet(HTML) 2 Page - Carling Technologies

  LPGSCK611CWWA Datasheet HTML 1Page - Carling Technologies LPGSCK611CWWA Datasheet HTML 2Page - Carling Technologies LPGSCK611CWWA Datasheet HTML 3Page - Carling Technologies LPGSCK611CWWA Datasheet HTML 4Page - Carling Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Email: sales@carlingtech.com Application Support: team2@carlingtech.com
Phone: (860) 793–9281 Fax: (860) 793–9231
www.carlingtech.com
2 | LRG-Series Rocker & Paddle Switches - General Specifications, Ordering Scheme, Dimensional Specifications
*Manufacturer reserves the right to change product specification without prior notice.
Dielectric Strength
TERMINAL TYPE
SOLDER LUG
WIRE LEAD
.275[6.99]
1.125[28.58]
.500[12.70]
6.000[152.40]
.187[4.75]
.125[3.18]
X
.150[3.81]
.784[19.91]
1.072[27.23]
.866[22.00]
TEST CUT
HOLE IN
ACTUAL
MATERIAL
TEST CUT
HOLE IN
ACTUAL
MATERIAL
+.004[.10]
-.000[.00]
LRGSC
LRGSE
MOUNTING HOLE
Panel Thickness: .025 min - .187 max.
Specific cutout dimension range dependent
on panel thickness and material.
RGSE
RGSC
1.176[29.87]
1.070[27.17]
1.180[29.97]
.725[18.42]
.375[9.53]
1.086[27.58]
1.145[29.08]
.080[2.03]
1.240[31.50]
.215[5.46]
1.181[30.00]
.872[22.15]
1.000[25.4]
+.000[.00]
-.004[.10]
.250[6.35]
.250 TAB (Q.C.)
Electrical Life
Mechanical Life
Operating Temperature
UL/CSA:
1000V - live to dead metal parts &
opposite polarity
50,000 cycles
100,000 cycles
-40°F to 185°F (-40°C to 85°C)
1
Base Part Number
2
Actuator
Style
3
Actuator
Color
4
Bezel Color
5
Rocker
Legend
6
Lamp Voltage
LRGSCK611
R S
B
B 250N
/
2 ACTUATOR STYLE
R
Rocker (translucent)
C
Rocker (clear)
3 ACTUATOR COLOR
A
Amber
B 3,5 Blue
C 4 White/Clear
G 5 Green
L 3 Lime Green
P
Yellow
R
Red (clear)
S
Red
W Pale Red
4 BEZEL COLOR 1
B
Black
W White
6 LAMP VOLTAGE 2
006V 6V incandescent
012V 12V incandescent
018V 18V incandescent
024V 24V incandescent
125N 125V neon
250N 250V neon
5 ROCKER LEGEND
hot stamp
NO LEGEND
0
OFF-ON vertical
A
OFF-ON horizontal
B
O-I horizontal
D
O-I vertical
E
Dual OFF-ON, O-I vertical
H
Dual OFF-ON, O-I horizontal
J
1 BASE PART NUMBER: SERIES / CIRCUITRY / RATING 1 /
TERMINATION
15A 250 VAC, 20A 125 VAC, 3/4 HP 125-250 VAC
Solder Lugs
.250 Tabs
Wire Leads
Standard Base
OFF-NONE-ON
LRGSCK610 LRGSCK611 LRGSCK615
European Base (22 x 30 mm cutout)
OFF-NONE-ON (Single Pole) LRGSEK610 LRGSEK611 LRGSEK615
15A 6-24 V 3
Standard Base
OFF-NONE-ON
LRGSCK510 LRGSCK511 LRGSCK515
European Base (22 x 30 mm cutout)
OFF-NONE-ON (Single Pole) LRGSEK510 LRGSEK511 LRGSEK515
Notes:
1
Additional ratings, colors and clear style actuators are available. Consult factory.
2
Incandescent lamps must specify 15A 24V rating only.
3
Available with incandescent lamps only.
4
Clear color provided where specified with clear style rocker.
5
Available with clear style rocker only.


Similar Part No. - LPGSCK611CWWA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LPG05AF-25 UTC-LPG05AF-25 Datasheet
133Kb / 4P
   LPG05AF-25
logo
List of Unclassifed Man...
LPG10 ETC2-LPG10 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
LPG10-0500 ETC2-LPG10-0500 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
LPG10-1000 ETC2-LPG10-1000 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
logo
LIGITEK electronics co....
LPG2040-PF LIGITEK-LPG2040-PF Datasheet
135Kb / 6P
   ROUND TYPE LED LAMPS
More results

Similar Description - LPGSCK611CWWA

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
LRA22H2FBBNN ZFSWITCHES-LRA22H2FBBNN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
logo
ITT Industries
DT12J12S215QA ITT-DT12J12S215QA Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
logo
C&K Components
CN201J12S215DQ7 CK-COMPONENTS-CN201J12S215DQ7 Datasheet
460Kb / 4P
   Double Pole Power Rocker Switches
logo
ITT Industries
CN201J12S21505Q ITT-CN201J12S21505Q Datasheet
163Kb / 4P
   Double Pole Power Rocker Switches
logo
C&K Components
CN CK-COMPONENTS-CN Datasheet
288Kb / 4P
   Double Pole Power Rocker Switches
2018
logo
ITT Industries
CN201J12S215Q ITT-CN201J12S215Q Datasheet
250Kb / 4P
   Double Pole Power Rocker Switches
logo
Cherry Semiconductor Co...
KDH3ANA1BBB CHERRY-KDH3ANA1BBB Datasheet
311Kb / 2P
   Sealed Rocker Switch Double Pole
RRA22H3BBBNN CHERRY-RRA22H3BBBNN Datasheet
330Kb / 2P
   Rocker Switch Single and Double Pole
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
   Illuminated Rocker Switches
logo
LUMEX INC.
CLS-RC11A125191B LUMEX-CLS-RC11A125191B Datasheet
49Kb / 1P
   ILLUMINATED ROCKER SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com