Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXX08XX Datasheet(PDF) 5 Page - Littelfuse

Part # LXX08XX
Description  RoHS compliant
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LXX08XX Datasheet(HTML) 5 Page - Littelfuse

  LXX08XX Datasheet HTML 1Page - Littelfuse LXX08XX Datasheet HTML 2Page - Littelfuse LXX08XX Datasheet HTML 3Page - Littelfuse LXX08XX Datasheet HTML 4Page - Littelfuse LXX08XX Datasheet HTML 5Page - Littelfuse LXX08XX Datasheet HTML 6Page - Littelfuse LXX08XX Datasheet HTML 7Page - Littelfuse LXX08XX Datasheet HTML 8Page - Littelfuse LXX08XX Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/04/16
Teccor® brand Thyristors
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
I
TM = 11.3A tp = 380 µs
MAX.
1.60
V
I
DRM
I
RRM
V
DRM = VRRM
Lxx08xy
T
J = 25°C
400 - 600V
MAX.
10
μA
T
J = 110°C
400 - 600V
0.5
mA
Qxx08xy
T
J = 25°C
400 - 1000V
20
μA
T
J = 125°C
400 - 800V
2
mA
T
J = 100°C
1000V
3
Qxx08xHy
T
J = 25°C
400 - 800V
10
μA
1000V
20
T
J = 125°C
400 - 800V
2
mA
T
J = 100°C
1000V
3
Thermal Resistances
Symbol
Parameter
Value
Unit
R
θ(J-C)
Junction to case (AC)
L/Qxx08Ryy /
L/Qxx08Nyy
1.5
°C/W
L/Qxx08Lyy
2.8
L/Qxx08Vyy
2.1
R
θ(J-A)
Junction to ambient
L/Qxx08Ryy
45
°C/W
L/Qxx08Lyy
50
L/Qxx08Vyy
64
Note: xx = voltage, x = package, y = sensitivity, yy = type & sensitivity
Figure 2: Normalized DC Gate Trigger Current for
All Quadrants vs. Junction Temperature
Junction Temperature (T
J)- ºC
-65
-40
-15
10
35
60
85
110
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Figure 1: Definition of Quadrants
Note: Alternistors will not operate in QIV
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
NOTE: Alternistors will not operate in QIV
MT1
MT2
+ I
GT
REF
QII
MT1
IGT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
IGT
GATE
(+)
IGT -
IGT
GATE
(
-)
IGT
GATE
(+)
+
-


Similar Part No. - LXX08XX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX08D6 LITTELFUSE-LXX08D6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
LXX08D8 LITTELFUSE-LXX08D8 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
LXX08L8 LITTELFUSE-LXX08L8 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
LXX08R6 LITTELFUSE-LXX08R6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
LXX08R8 LITTELFUSE-LXX08R8 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
More results

Similar Description - LXX08XX

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com