Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NTE1416 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE1416
Description  Integrated Circuit Chrominance and Luminance Processor for NTSC Color TV
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1416 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Recommended Operating Conditions:
Supply Voltage
12V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Chrominance Input Voltage (Burst signal level)
150mVp–p
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Luminance Input Voltage (Sync White Level)
1.0Vp–p
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Burst Gate Pulse Input Voltage
3.0Vp
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Blanking Pulse Input Voltage
2.5Vp
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Color Saturation Controlling Voltage Range (VCC = 12V)
0 to 5.7V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Tint Controlling Voltage Range (VCC = 12V)
0 to 5.7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contrast Controlling Voltage Range (VCC = 12V)
0 to 12V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Resolutions Controlling Voltage Range (VCC = 12V)
0 to 12V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Brightness Controlling Voltage Range (VCC = 12V)
8 to 10V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. In case of operating in VCC = +14.4V, set the surrounding temperature (TA) to be +67°C
Test Conditions: (VCC = 12V unless otherwise specified)
Parameter
Min
Typ
Max
Unit
Color Saturation Controlling Pin9
0
V8/2
V8
V
Tint Controlling Pin7
0
V8/2
V8
V
Contrast Controlling Pin10
0
VCC x 0.78
VCC
V
Resolution Controlling Pin4
0
VCC
V
Electrical Characteristics: (TA = +25°C, VCC = 12V, Note 2 unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
ICC
32
43
54
mA
Burst Output Voltage
eb
Rainbow color bar signal input
150mVp–p, Color auto center,
Contrast max.
0.5
0.7
0.9
Vp–p
ACC Range 1
ACC1
Rainbow color bar signal input
300mVp–p,
Burst Output Voltage / eb
0.9
1.0
1.1
times
ACC Range 2
ACC2
Rainbow color bar signal input
15mVp–p,
Burst Output Voltage / eb
0.6
0.8
1.0
times
Chroma Output Voltage 1
ec1
Rainbow color bar signal input
0.5
0.7
0.9
Vp–p
Chroma Output Voltage 2
ec2
150mVp–p, Color min, Contrast max.
5
mVp–p
Chroma Output Voltage 3
ec3
Rainbow color bar signal input
120
190
260
mVp–p
Chroma Output Voltage 4
ec4
150mVp–p, Color center, Contrast max.
130
190
260
mVp–p
Variable Range of Chroma
Output Voltage at auto
∆eca
Rainbow color bar signal input
150mVp–p, Color auto max min,
Contast max.
±25
±35
±45
%
Free Running Frequency
fo
No input signal to Pin19
Be trimed 3.579545 MHz by using
a trimer capacitor for standard sample,
Deviation from f; 3.579545 MHz
±150
Hz
Oscillator Controlling Sensitivity
β
Burst signal input 0.7Vp–p
Converted from V16–17 in case of
100Hz burst frequency variation
1.0
1.5
2.0
Hz/mV
Phase Detector Sensitivity
µ
Burst signal input 0.7Vp–p,
Converted from phase error and
V16–17 in case of 100Hz burst
frequency variation
25
45
65
mV/
degree
Note 2. Color control is manual state and tint is center for the items not specifically specified.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn