Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52745SP Datasheet(PDF) 12 Page - Mitsubishi Electric Semiconductor

Part # M52745SP
Description  BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52745SP Datasheet(HTML) 12 Page - Mitsubishi Electric Semiconductor

Back Button M52745SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52745SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M52745SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M52745SP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M52745SP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M52745SP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M52745SP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M52745SP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M52745SP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MITSUBISHI ICs (Monitor)
M52745SP
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
12
TIMING REQUIREMENT OF I2C
TIMING DIAGRAM
Symbol
Parameter
Min.
Max.
Unit
VIL
Input voltage LOW
-0.5
1.5
V
VIH
Input voltage HIGH
3.0
5.5
V
fSCL
SCL clock frequency
0
100
kHz
tBUF
Time the bus must be free before a new transmission can start
4.7
-
µs
tHD:STA
Hold time start condition. After this period the first clock pulse is generated
4.0
-
µs
tLOW
The LOW period of the clock
4.7
-
µs
tHIGH
The HIGH period of the clock
4.0
-
µs
tSU:STA
Set up time for start condition (Only relevant for a repeated start condition)
4.7
-
µs
tHD:DAT
Hold time for I2C devices
0
-
µs
tSU:DAT
Set-up time DATA
250
-
ns
tr
Rise time of both SDA and SCL
-
1000
ns
tf
Fall time of both SDA and SCL
-
300
ns
tSU:STO
Set-up time for stop condition
4.0
-
µs
SDA
SCL
VIH
S
S
P
S
tBUF
tSU:STO
tSU:STA
tHD:DAT
tSU:DAT
tHD:STA
tLOW
tHIGH
tr, tf
VIL
VIH
VIL
PRELIMINARY
Notice:This
is not
a final
specification.
Some parametric
limits are
subject
to change.


Similar Part No. - M52745SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M52742ASP RENESAS-M52742ASP Datasheet
377Kb / 27P
   BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
logo
Mitsubishi Electric Sem...
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52743 MITSUBISHI-M52743 Datasheet
136Kb / 19P
   I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
M52743BSP MITSUBISHI-M52743BSP Datasheet
140Kb / 19P
   I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
More results

Similar Description - M52745SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M52742ASP RENESAS-M52742ASP Datasheet
377Kb / 27P
   BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
logo
Mitsubishi Electric Sem...
M61301SP MITSUBISHI-M61301SP Datasheet
293Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52746SP MITSUBISHI-M52746SP Datasheet
281Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52749FP MITSUBISHI-M52749FP Datasheet
185Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M52749FP RENESAS-M52749FP Datasheet
328Kb / 27P
   BUS Controlled 3ch Video Pre-amp for CRT Display Monitor
M61303FP RENESAS-M61303FP Datasheet
232Kb / 25P
   I2C BUS Controlled 3channel Video Pre-amplifier for LCD Display Monitor
M52759SP RENESAS-M52759SP Datasheet
321Kb / 27P
   Uniformity for CRT Display Monitor
Mar 31, 2008
logo
Mitsubishi Electric Sem...
M52759SP MITSUBISHI-M52759SP Datasheet
466Kb / 25P
   UNIFORMITY FOR CRT DISPLAY MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com