Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTILA51-6M-BL-RC-MBL-12V Datasheet(PDF) 2 Page - Carling Technologies

Part # LTILA51-6M-BL-RC-MBL-12V
Description  Full Sized Rocker Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLINGTECH [Carling Technologies]
Direct Link  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

LTILA51-6M-BL-RC-MBL-12V Datasheet(HTML) 2 Page - Carling Technologies

  LTILA51-6M-BL-RC-MBL-12V Datasheet HTML 1Page - Carling Technologies LTILA51-6M-BL-RC-MBL-12V Datasheet HTML 2Page - Carling Technologies LTILA51-6M-BL-RC-MBL-12V Datasheet HTML 3Page - Carling Technologies LTILA51-6M-BL-RC-MBL-12V Datasheet HTML 4Page - Carling Technologies LTILA51-6M-BL-RC-MBL-12V Datasheet HTML 5Page - Carling Technologies LTILA51-6M-BL-RC-MBL-12V Datasheet HTML 6Page - Carling Technologies LTILA51-6M-BL-RC-MBL-12V Datasheet HTML 7Page - Carling Technologies LTILA51-6M-BL-RC-MBL-12V Datasheet HTML 8Page - Carling Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Email: sales@carlingtech.com Application Support: team2@carlingtech.com
Phone: (860) 793–9281 Fax: (860) 793–9231
www.carlingtech.com
2 | Tippette Actuator Styles & Special Circuits - General Specifications
*Manufacturer reserves the right to change product specification without prior notice.
Physical
Agency Certifications
Mounting
Electrical
Mechanical
Contact Rating
15 amps, 125 VAC
10 amps, 250 VAC
3/4 HP 125-250 VAC
15 amps, 12-30 VDC
Life
25,000 cycles circuit dependent
50,000 cycles circuit dependent
consult factory for applicable
circuits.
Contacts
Fine silver, silver cad-oxide
Terminals
Brass or copper/silver plate
1/4” (6.3mm) Quick Connect
terminations standard.
Solder lug - Brass Tin Plated
Wire Lead 16 gauge standard 105°C
600VAC
Screw Terminals - Brass
Endurance
100,000 cycles minimum
Lighted
Incandescent - rated 10,000 hours
Neon - rated 25,000 hours
Seals
Bracket - Actuator WBL/MBL
optional external gasket panel seal
Base
Phenolic (150°C)
Rocker/Bracket
Nylon 66 (105°C)
Select circuits and constructions with VDE/IEC approvals
are available. Consult factory
*Angled corners are suggested for optimum fit.
Standard rectangular cutout is acceptable.
.680 [17.27]
1.190 [30.22]
1.450 [36.83]
55˚ - 4 places
.830 [21.08]
MOUNTING HOLE
(Nylon Snap-in Brackets)
Panel Thickness:
.040 min. - .250 max.


Similar Part No. - LTILA51-6M-BL-RC-MBL-12V

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
LTI-FSF55MGT-P-10A-X7 QORVO-LTI-FSF55MGT-P-10A-X7 Datasheet
614Kb / 13P
   CATV 75 pHEMT Dual RF Amplifier
LTI-FSF55NT-P QORVO-LTI-FSF55NT-P Datasheet
962Kb / 13P
   CATV 75 Adjustable Low Gain (9??1dB) RF Amplifier
logo
Voltage Multipliers Inc...
LTI202D VMI-LTI202D Datasheet
121Kb / 2P
   200 V - 1,000 V Doubler 10.0 A - 12.5 A Forward Current 70 ns - 3000 ns Recovery Time
LTI202FD VMI-LTI202FD Datasheet
121Kb / 2P
   200 V - 1,000 V Doubler 10.0 A - 12.5 A Forward Current 70 ns - 3000 ns Recovery Time
LTI202FN VMI-LTI202FN Datasheet
121Kb / 2P
   200 V - 1,000 V Negative Center Tap 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results

Similar Description - LTILA51-6M-BL-RC-MBL-12V

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
TIGA51-6M-BL-MBL CARLINGTECH-TIGA51-6M-BL-MBL Datasheet
737Kb / 8P
   Full sized rocker swithces
62116919-0-9-V CARLINGTECH-62116919-0-9-V Datasheet
600Kb / 4P
   Small-sized Rocker switches
651122BBAN CARLINGTECH-651122BBAN Datasheet
581Kb / 4P
   Small Sized Rocker Switches
62012421 CARLINGTECH-62012421 Datasheet
588Kb / 4P
   Small-Sized Rocker Switches
logo
CW Industries
GRB263G2 CWIND-GRB263G2 Datasheet
168Kb / 1P
   GRB Series Full Size Rocker Switches
GRB293A01BB CWIND-GRB293A01BB_19 Datasheet
137Kb / 1P
   GRB Series Full Size Rocker Switches
GRB290AL4 CWIND-GRB290AL4 Datasheet
147Kb / 1P
   GRB Series Full Size Rocker Switches
GRB290AL105BRR CWIND-GRB290AL105BRR_19 Datasheet
163Kb / 1P
   GRB Series Full Size Rocker Switches
GRB290CL4 CWIND-GRB290CL4 Datasheet
147Kb / 1P
   GRB Series Full Size Rocker Switches
GRB263C001NNN CWIND-GRB263C001NNN_19 Datasheet
122Kb / 1P
   GRB Series Full Size Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com