Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8655XMS/TR Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM8655XMS/TR
Description  CMOS Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8655XMS/TR Datasheet(HTML) 2 Page - SG Micro Corp

  SGM8655XMS/TR Datasheet HTML 1Page - SG Micro Corp SGM8655XMS/TR Datasheet HTML 2Page - SG Micro Corp SGM8655XMS/TR Datasheet HTML 3Page - SG Micro Corp SGM8655XMS/TR Datasheet HTML 4Page - SG Micro Corp SGM8655XMS/TR Datasheet HTML 5Page - SG Micro Corp SGM8655XMS/TR Datasheet HTML 6Page - SG Micro Corp SGM8655XMS/TR Datasheet HTML 7Page - SG Micro Corp SGM8655XMS/TR Datasheet HTML 8Page - SG Micro Corp SGM8655XMS/TR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SGM8651/2/4
50MHz, Rail-to-Rail Output
SGM8653/5
CMOS Operational Amplifiers
2
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
MODEL
CHANNEL
ORDER NUMBER
PACKAGE
DESCRIPTION
PACKAGE
OPTION
MARKING
INFORMATION
SGM8651XN5/TR
SOT-23-5
Tape and Reel, 3000
8651
SGM8651
Single
SGM8651XS/TR
SOIC-8
Tape and Reel, 2500
SGM8651XS
SGM8652XMS/TR
MSOP-8
Tape and Reel, 3000
SGM8652XMS
SGM8652
Dual
SGM8652XS/TR
SOIC-8
Tape and Reel, 2500
SGM8652XS
SGM8653XN6/TR
SOT-23-6
Tape and Reel, 3000
8653
SGM8653
Single
with Shutdown
SGM8653XS/TR
SOIC-8
Tape and Reel, 2500
SGM8653XS
SGM8654XS14/TR
SOIC-14
Tape and Reel, 2500
SGM8654XS14
SGM8654
Quad
SGM8654XTS14/TR
TSSOP-14
Tape and Reel, 3000
SGM8654XTS14
SGM8655
Dual
with Shutdown
SGM8655XMS/TR
MSOP-10
Tape and Reel, 3000
SGM8655XMS
 
 
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, +VS to -VS ................................................. 7.5V
Common Mode Input Voltage
……..……………...……………….....(-VS) - 0.5 V to (+VS) + 0.5V
Storage Temperature Range..............................-65
℃ to +150℃
Junction Temperature .......................................................160
Operating Temperature Range......................... -55
℃ to +150℃
Package Thermal Resistance @ TA = 25
SOT-23-5, θJA............................................................... 190
℃/W
SOT-23-6, θJA............................................................... 190
℃/W
SOIC-8, θJA....................................................................125
℃/W
MSOP-8, θJA................................................................. 216
℃/W
MSOP-10, θJA............................................................... 216
℃/W
Lead Temperature (Soldering 10sec)............................... 260
ESD Susceptibility
HBM..................................................................................1000V
MM......................................................................................400V
NOTE:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay attention to ESD protection. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause
damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
SGMICRO reserves the right to make any change in circuit design, specification or other related things if necessary without notice at
any time. Please contact SGMICRO sales office to get the latest datasheet.


Similar Part No. - SGM8655XMS/TR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8655XMS/TR SGMICRO-SGM8655XMS/TR Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
More results

Similar Description - SGM8655XMS/TR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com