Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8633XS/TR Datasheet(PDF) 11 Page - SG Micro Corp

Part # SGM8633XS/TR
Description  CMOS Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8633XS/TR Datasheet(HTML) 11 Page - SG Micro Corp

Back Button SGM8633XS/TR Datasheet HTML 7Page - SG Micro Corp SGM8633XS/TR Datasheet HTML 8Page - SG Micro Corp SGM8633XS/TR Datasheet HTML 9Page - SG Micro Corp SGM8633XS/TR Datasheet HTML 10Page - SG Micro Corp SGM8633XS/TR Datasheet HTML 11Page - SG Micro Corp SGM8633XS/TR Datasheet HTML 12Page - SG Micro Corp SGM8633XS/TR Datasheet HTML 13Page - SG Micro Corp SGM8633XS/TR Datasheet HTML 14Page - SG Micro Corp SGM8633XS/TR Datasheet HTML 15Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
6MHz, Rail-to-Rail I/O
SGM8631/2/3
CMOS Operational Amplifiers
TYPICAL APPLICATION CIRCUITS
Differential Amplifier
The circuit shown in Figure 4 performs the difference
function. If the resistor ratios are equal (R4/R3 = R2/R1),
then VOUT = (Vp - Vn) × R2/R1 + VREF.
Vn
Vp
VOUT
SGM8631
VREF
R1
R2
R3
R4
Figure 4. Differential Amplifier
Instrumentation Amplifier
The circuit in Figure 5 performs the same function as
that in Figure 4 but with a high input impedance.
Vn
Vp
SGM8631
VREF
R1
R2
R3
R4
VOUT
SGM8631
SGM8631
Figure 5. Instrumentation Amplifier
Low-Pass Active Filter
The low-pass filter shown in Figure 6 has a DC gain of
(-R2/R1) and the -3dB corner frequency is 1/2πR2C.
Make sure the filter bandwidth is within the bandwidth
of the amplifier. The large values of feedback resistors
can couple with parasitic capacitance and cause
undesired effects such as ringing or oscillation in
high-speed amplifiers. Keep resistor values as low as
possible
and
consistent
with
output
loading
consideration.
VIN
VOUT
SGM8631
R1
R2
R3 = R1 // R2
C
Figure 6. Low-Pass Active Filter
SG Micro Corp
www.sg-micro.com
11


Similar Part No. - SGM8633XS/TR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8633XS/TR SGMICRO-SGM8633XS/TR Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - SGM8633XS/TR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com