Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8651XS/TR Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM8651XS/TR
Description  CMOS Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8651XS/TR Datasheet(HTML) 5 Page - SG Micro Corp

  SGM8651XS/TR Datasheet HTML 1Page - SG Micro Corp SGM8651XS/TR Datasheet HTML 2Page - SG Micro Corp SGM8651XS/TR Datasheet HTML 3Page - SG Micro Corp SGM8651XS/TR Datasheet HTML 4Page - SG Micro Corp SGM8651XS/TR Datasheet HTML 5Page - SG Micro Corp SGM8651XS/TR Datasheet HTML 6Page - SG Micro Corp SGM8651XS/TR Datasheet HTML 7Page - SG Micro Corp SGM8651XS/TR Datasheet HTML 8Page - SG Micro Corp SGM8651XS/TR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SGM8651/2/4
50MHz, Rail-to-Rail Output
SGM8653/5
CMOS Operational Amplifiers
5
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
At TA= +25
℃, VS = +5V, G = +2, RF = 887Ω, RG = 887Ω, CL=47pF, and RL= 600Ω, unless otherwise noted.
CMRR and PSRR vs. Frequency
0
20
40
60
80
100
0.01
0.1
1
10
100
Frequency (MHz)
CMRR
PSRR
Input Voltage Noise Spectral Density
vs. Frequency
1
10
100
1000
0.01
0.1
1
10
100
1000
Frequency (kHz)
Overload Recovery Time
Time (25ns/div)
VS = ±2.5V
VIN = 1.77V
G = +2
2.5V
1.77V
0V
Large-Signal Disable/Enable Response
Time (200ns/div)
VS = ±2.5V
fIN = 5MHz
G = +2
VOUT = 2.4V
Maximum Output Voltage vs. Frequency
0
1
2
3
4
5
6
0.1
1
10
100
Frequency (MHz)
VS = 5.5V
Maximum Output Voltage
without Slew-Rate
Induced Distortion
VS = 2.7V
CMRR and PSRR vs. Temperature
60
70
80
90
100
110
120
-50 -30 -10 10
30
50
70
90 110 130
Temperature (
℃)
CMRR
PSRR
RL = 150Ω


Similar Part No. - SGM8651XS/TR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8651XS/TR SGMICRO-SGM8651XS/TR Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
More results

Similar Description - SGM8651XS/TR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com