Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8655 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM8655
Description  CMOS Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8655 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM8655 Datasheet HTML 1Page - SG Micro Corp SGM8655 Datasheet HTML 2Page - SG Micro Corp SGM8655 Datasheet HTML 3Page - SG Micro Corp SGM8655 Datasheet HTML 4Page - SG Micro Corp SGM8655 Datasheet HTML 5Page - SG Micro Corp SGM8655 Datasheet HTML 6Page - SG Micro Corp SGM8655 Datasheet HTML 7Page - SG Micro Corp SGM8655 Datasheet HTML 8Page - SG Micro Corp SGM8655 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SGM8651/2/4
50MHz, Rail-to-Rail Output
SGM8653/5
CMOS Operational Amplifiers
3
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS: VS = +5V
(At TA = +25
℃, RL = 600Ω connected to VS/2, unless otherwise noted.)
SGM8651/2/3/4/5
TYP
MIN/MAX OVER TEMPERATURE
PARAMETER
CONDITIONS
+25
+25
0
℃ to
70
-40
to 85
-40
℃to
125
UNITS
MIN/
MAX
DYNAMIC PERFORMANCE
Gain-Bandwidth Product (GBP)
Slew Rate
Settling Time to 0.1%
Overload Recovery Time
G = +10
G = +1, 2V Output step
G = +1, 2V Output step
VIN·G = +VS
50
66
60
25
MHz
V/μs
ns
ns
TYP
TYP
TYP
TYP
NOISE PERFORMANCE
Input Voltage Noise (
en)
f = 100kHz
f = 1MHz
16
8.7
nV/ Hz
nV/ Hz
TYP
TYP
DC PERFORMANCE
Input Offset Voltage (VOS)
Input Offset Voltage Drift
Input Bias Current (IB)
Input offset Current (IOS)
Open-Loop Gain (AOL)
VO = 0.3V to 4.7V, RL = 150Ω
VO = 0.2V to 4.8V, RL = 1kΩ
±2
4.5
6
2
80
104
±8
75
92
±8.9
74
91
±9.5
74
91
±9.8
73
80
mV
μV/
pA
pA
dB
dB
MAX
TYP
TYP
TYP
MIN
MIN
INPUT CHARACTERISTICS
Input Common Mode Voltage Range
(VCM)
Common Mode Rejection Ratio(CMRR)
VCM = -0.1V to +3.5V
-0.2 to +3.8
80
66
65
65
62
V
dB
TYP
MIN
OUTPUT CHARACTERISTICS
Output Voltage Swing from Rail
Output Current
Closed-Loop Output Impedance
RL = 150Ω
RL = 1kΩ
f
<100kHz, G = +1
0.12
0.03
127
0.08
100
96
89
82
V
V
mA
TYP
TYP
MIN
TYP
POWER-DOWN DISABLE
(SGM8653/5 Only)
Turn-On Time
Turn-Off Time
DISABLE Voltage-Off
DISABLE Voltage-On
220
150
0.8
2
ns
ns
V
V
TYP
TYP
MAX
MIN
POWER SUPPLY
Operating Voltage Range
Quiescent Current (per Amplifier)
Supply Current when Disabled per
Amplifier (SGM8653/5 Only)
Power Supply Rejection Ratio (PSRR)
ΔVS = +2.7V to +5.5V, VCM = (-VS) + 0.5
2.3
75
80
2.5
5.5
2.9
120
67
2.7
5.5
3.4
127
67
2.7
5.5
3.8
130
65
2.7
5.5
4
137
62
V
V
mA
μA
dB
MIN
MAX
MAX
MAX
MIN
 
 


Similar Part No. - SGM8655

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8655XMS SGMICRO-SGM8655XMS Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8655XMS/TR SGMICRO-SGM8655XMS/TR Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
   Rail-to-Rail Output CMOS Operational Amplifiers
More results

Similar Description - SGM8655

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com