Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8651 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM8651
Description  CMOS Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8651 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM8651 Datasheet HTML 1Page - SG Micro Corp SGM8651 Datasheet HTML 2Page - SG Micro Corp SGM8651 Datasheet HTML 3Page - SG Micro Corp SGM8651 Datasheet HTML 4Page - SG Micro Corp SGM8651 Datasheet HTML 5Page - SG Micro Corp SGM8651 Datasheet HTML 6Page - SG Micro Corp SGM8651 Datasheet HTML 7Page - SG Micro Corp SGM8651 Datasheet HTML 8Page - SG Micro Corp SGM8651 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SGM8651/2/4
SGM8653/5
50MHz, Rail-to-Rail Output
CMOS Operational Amplifiers
 
PRODUCT DESCRIPTION
The SGM8651/2/3/4/5 are high precision, low noise, low
distortion, rail-to-rail output CMOS voltage feedback
operational amplifiers offering ease of use and low cost.
They have a wide input common mode voltage range and
output voltage swing, running at single-supply voltage
from 2.5V to 5.5V.
Despite being low cost, the SGM8651/2/3/4/5 provide
excellent overall performance. They offer wide gain-
bandwidth product to 50MHz and a typical low power of
2.3mA/amplifier.
The SGM8651/2/3/4/5‘s low distortion and fast settling
make them ideal for buffering high speed A/D or D/A
converters. The SGM8653/5 has a power-down disable
feature that reduces the supply current to 75μA/amplifier.
These features make the SGM8653/5 ideal for portable
and battery-powered applications where size and power
are critical. All are specified over the extended -40
℃ to
+125
℃ temperature range. 
APPLICATIONS
Data Acquisition
Process Control
Audio Processing
Video Processing
Active Filters
Test Equipment
Cell Phone PA Control
Broadband Communications
A-to-D Driver
D-to-A Driver
FEATURES
 Low Cost
 Rail-to-Rail Output
2mV Typical VOS
 Gain-Bandwidth Product: 50MHz
 High Slew Rate: 66V/μs
 Settling Time to 0.1% with 2V Step: 60ns
 Overload Recovery Time: 25ns
 Low Noise: 8.7nV/ Hz
 Operates on 2.5V to 5.5V Supplies
 Input Voltage Range: -0.2V to +3.8V with VS = 5V
 Low Supply Current
2.3mA/Amplifier (TYP)
75μA/Amplifier Shutdown Current for SGM8653/5
 Small Packaging
SGM8651 Available in SOT-23-5 and SOIC-8
SGM8652 Available in MSOP-8 and SOIC-8
SGM8653 Available in SOT-23-6 and SOIC-8
SGM8654 Available in TSSOP-14 and SOIC-14
SGM8655 Available in MSOP-10
PIN CONFIGURATIONS (TOP VIEW)
-IN
+IN
-VS
NC
(SGM8653 ONLY)
5
6
7
8
1
2
3
4
+VS
SGM8651/8653
SOIC-8
NC
OUT
DISABLE
NC = NO CONNECT
+VS
-IN
3
4
5
1
2
OUT
-VS
+IN
SGM8651
SOT-23-5
OUT A
OUT B
+IN B
+VS
5
6
7
8
1
2
3
4
-IN A
+IN A
-VS
-IN B
SGM8652
SOIC-8 / MSOP-8
OUT
3
4
5
6
1
2
-VS
+IN
+VS
DISABLE
-IN
SOT-23-6
SGM8653
6
5
OUT A
OUT B
+IN B
+VS
7
8
9
10
1
2
3
4
-IN A
+IN A
-VS
-IN B
SGM8655
MSOP-10
DISABLE
DISABLE
10
11
12
13
14
1
2
3
4
5
OUT A
-IN A
+IN A
-VS
+VS
-IND
+IND
SGM8654
TSSOP-14 / SOIC-14
6
7
9
8
-INB
+INB
-INC
OUT B
OUT C
+INC
OUT D
 
REV. C. 2
SG Micro Corp
www.sg-micro.com


Similar Part No. - SGM8651

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8651XN5/TR SGMICRO-SGM8651XN5/TR Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8651XS SGMICRO-SGM8651XS Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8651XS/TR SGMICRO-SGM8651XS/TR Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8651 SGMICRO-SGM8651_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8651

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com