Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8621 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SGM8621
Description  Rail-to-Rail I/O CMOS Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8621 Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SGM8621_16 Datasheet HTML 3Page - SG Micro Corp SGM8621_16 Datasheet HTML 4Page - SG Micro Corp SGM8621_16 Datasheet HTML 5Page - SG Micro Corp SGM8621_16 Datasheet HTML 6Page - SG Micro Corp SGM8621_16 Datasheet HTML 7Page - SG Micro Corp SGM8621_16 Datasheet HTML 8Page - SG Micro Corp SGM8621_16 Datasheet HTML 9Page - SG Micro Corp SGM8621_16 Datasheet HTML 10Page - SG Micro Corp SGM8621_16 Datasheet HTML 11Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
3MHz, Rail-to-Rail I/O
SGM8621/2/3/4
CMOS Operational Amplifiers
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25
℃, VCM = VS/2, RL = 600Ω, unless otherwise noted.
Small-Signal Step Response
Small-Signal Step Response
Time (100μs/div)
G = 1
CL = 100pF
RL = 620Ω
VS = 2V
Time (100μs/div)
G = 1
CL = 100pF
RL = 620Ω
VS = 5V
Positive Overload Recovery
Negative Overload Recovery
Time (2μs/div)
VS = 5V
VIN = 50mV
RL = 620Ω
G = -100
0V
0V
VIN
VOUT
Time (2μs/div)
VS = 5V
VIN = 50mV
RL = 620Ω
G = -100
0V
0V
VIN
VOUT
Supply Current vs. Temperature
Shutdown Current vs. Temperature
0.15
0.18
0.21
0.24
0.27
0.3
-50
-25
0
25
50
75
100
125
Temperature (
℃)
VS = 3V
VS = 2V
VS = 5V
0
150
300
450
600
750
-50
-25
0
25
50
75
100
125
Temperature (
℃)
VS = 5V
VS = 3V
VS = 2V
SG Micro Corp
www.sg-micro.com
7


Similar Part No. - SGM8621_16

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8621_16

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349SA TI-OPA349SA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com