Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM4812 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM4812
Description  132mW Differential Input Stereo Audio Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4812 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM4812_17 Datasheet HTML 1Page - SG Micro Corp SGM4812_17 Datasheet HTML 2Page - SG Micro Corp SGM4812_17 Datasheet HTML 3Page - SG Micro Corp SGM4812_17 Datasheet HTML 4Page - SG Micro Corp SGM4812_17 Datasheet HTML 5Page - SG Micro Corp SGM4812_17 Datasheet HTML 6Page - SG Micro Corp SGM4812_17 Datasheet HTML 7Page - SG Micro Corp SGM4812_17 Datasheet HTML 8Page - SG Micro Corp SGM4812_17 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
132mW Differential Input,
SGM4812
Stereo Audio Power Amplifier
4
MARCH 2017
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
Small Signal Step Response
Time (2μs/div)
V+ = 3V
Small Signal Step Response
Time (2μs/div)
V+ = 5V
THD+N vs. Frequency
0.001
0.01
0.1
1
0.01
0.1
1
10
100
Frequency (kHz)
V+ = 3V, RL = 32
Ω, P0 = 25mW
THD+N vs. Frequency
0.001
0.01
0.1
1
0.01
0.1
1
10
100
Frequency (kHz)
V+ = 5V, RL = 32
Ω, P0 = 60mW
THD+N vs. Frequency
0.001
0.01
0.1
1
0.01
0.1
1
10
100
Frequency (kHz)
V+ = 3V, RL = 16
Ω, P0 = 25mW
THD+N vs. Frequency
0.001
0.01
0.1
1
0.01
0.1
1
10
100
Frequency (kHz)
V+ = 5V, RL = 16
Ω, P0 = 80mW


Similar Part No. - SGM4812_17

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
   Stereo Audio Power Amplifier
More results

Similar Description - SGM4812_17

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4998 STMICROELECTRONICS-TS4998 Datasheet
479Kb / 33P
   2 x 1W differential input stereo audio amplifier
logo
Anpec Electronics Corop...
APA2037 ANPEC-APA2037_09 Datasheet
501Kb / 24P
   3W Stereo Fully Differential Audio Power Amplifier
APA2037 ANPEC-APA2037 Datasheet
463Kb / 23P
   3W Stereo Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6020A2 TI-TPA6020A2 Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA4996 EUTECH-EUA4996 Datasheet
900Kb / 12P
   2.8-W Stereo Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
   Stereo Audio Power Amplifier
logo
Panasonic Semiconductor
SVI3101B PANASONIC-SVI3101B Datasheet
292Kb / 2P
   Stereo Audio Power Amplifier
logo
STMicroelectronics
TS4997 STMICROELECTRONICS-TS4997 Datasheet
533Kb / 34P
   2 x 1W differential input stereo audio amplifier with programmable 3D effects
logo
Anpec Electronics Corop...
APA2061 ANPEC-APA2061 Datasheet
595Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com