Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C16 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT28C16
Description  16K (2K x 8) Parallel EEPROMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C16 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT28C16 Datasheet HTML 4Page - ATMEL Corporation AT28C16 Datasheet HTML 5Page - ATMEL Corporation AT28C16 Datasheet HTML 6Page - ATMEL Corporation AT28C16 Datasheet HTML 7Page - ATMEL Corporation AT28C16 Datasheet HTML 8Page - ATMEL Corporation AT28C16 Datasheet HTML 9Page - ATMEL Corporation AT28C16 Datasheet HTML 10Page - ATMEL Corporation AT28C16 Datasheet HTML 11Page - ATMEL Corporation AT28C16 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
© Atmel Corporation 1998.
Atmel Cor poration makes no warranty for the use of its products, other than those expressly contained in the Company’s standard war-
ranty which is detailed in Atmel’s Terms and Conditions located on the Company’s website. The Company assumes no responsibility for
any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without
notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual prop-
er ty of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel’s products are
not authorized for use as critical components in life suppor t devices or systems.
Marks bearing
® and/or are registered trademarks and trademarks of Atmel Corporation.
Terms and product names in this document may be trademarks of others.
Atmel Headquarters
Atmel Operations
Corporate Headquarters
2325 Orchard Parkway
San Jose, CA 95131
TEL (408) 441-0311
FAX (408) 487-2600
Europe
Atmel U.K., Ltd.
Coliseum Business Centre
Riverside Way
Camberley, Surrey GU15 3YL
England
TEL (44) 1276-686677
FAX (44) 1276-686697
Asia
Atmel Asia, Ltd.
Room 1219
Chinachem Golden Plaza
77 Mody Road
Tsimshatsui East
Kowloon, Hong Kong
TEL (852) 27219778
FAX (852) 27221369
Japan
Atmel Japan K.K.
Tonetsu Shinkawa Bldg., 9F
1-24-8 Shinkawa
Chuo-ku, Tokyo 104-0033
Japan
TEL (81) 3-3523-3551
FAX (81) 3-3523-7581
Atmel Colorado Springs
1150 E. Cheyenne Mtn. Blvd.
Colorado Springs, CO 80906
TEL (719) 576-3300
FAX (719) 540-1759
Atmel Rousset
Zone Industrielle
13106 Rousset Cedex, France
TEL (33) 4 42 53 60 00
FAX (33) 4 42 53 60 01
Fax-on-Demand
North America:
1-(800) 292-8635
International:
1-(408) 441-0732
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
BBS
1-(408) 436-4309
Printed on recycled paper.
0540B–10/98/xM


Similar Part No. - AT28C16

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
290Kb / 8P
   16K 2K x 8 PCMCIA Nonvolatile Attribute Memory
AT28C16 ATMEL-AT28C16 Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C16 ATMEL-AT28C16 Datasheet
176Kb / 12P
   16K (2K x 8) Parallel EEPROMs
AT28C16-15 ATMEL-AT28C16-15 Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C16-15JC ATMEL-AT28C16-15JC Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
More results

Similar Description - AT28C16

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT16C16 ATMEL-AT16C16 Datasheet
176Kb / 12P
   16K (2K x 8) Parallel EEPROMs
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C17 STMICROELECTRONICS-M28C17 Datasheet
165Kb / 17P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
logo
Microchip Technology
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
   16K (2K x 8) CMOS EEPROM
2004
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C17 ATMEL-AT28C17 Datasheet
605Kb / 9P
   16K 2K x 8 CMOS E2PROM
logo
National Semiconductor ...
NMC2816 NSC-NMC2816 Datasheet
423Kb / 6P
   16K (2K X 8) ELECTRICALLY ERASABLE PROM
logo
Intel Corporation
M2716 INTEL-M2716 Datasheet
400Kb / 7P
   16K (2K x 8) UV ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com