Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV32N103A0xB00 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PV32N103A0xB00
Description  Lead Sealed Type Single-turn
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PV32N103A0xB00 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PV32N103A0xB00 Datasheet HTML 1Page - Bourns Electronic Solutions PV32N103A0xB00 Datasheet HTML 2Page - Bourns Electronic Solutions PV32N103A0xB00 Datasheet HTML 3Page - Bourns Electronic Solutions PV32N103A0xB00 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PV32.pdf
Part Number
Power Rating (W)
Number of Turns
(Effective Rotation Angle)
Mechanical Rotation Angle
Total Resistance Value
TCR (ppm/°C)
PV32N100A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
10 ohm ±20 %
PV32N200A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
20 ohm ±20 %
PV32N501A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
500 ohm ±20 %
PV32N102A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
1k ohm ±20 %
PV32N202A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
2k ohm ±20 %
PV32N502A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
5k ohm ±20 %
PV32N103A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
10k ohm ±20 %
PV32N203A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
20k ohm ±20 %
PV32N253A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
25k ohm ±20 %
PV32N503A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
50k ohm ±20 %
PV32N104A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
100k ohm ±20 %
PV32N204A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
200k ohm ±20 %
PV32N254A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
250k ohm ±20 %
PV32N504A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
500k ohm ±20 %
PV32N105A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
1M ohm ±20 %
Operating Temperature Range: -55 to 125 °C
Side Adjustment
Soldering Method: Wave (Single and Dual)
±100
±100
PV32N500A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
50 ohm ±20 %
PV32N101A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
100 ohm ±20 %
PV32N201A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
200 ohm ±20 %
±100
±100
±100
±100
PV32N251A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
250 ohm ±20 %
±100
±100
±100
±100
PV32N252A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
2.5k ohm ±20 %
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
05/24/17


Similar Part No. - PV32N103A0xB00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PV32N103A01 MURATA-PV32N103A01 Datasheet
1Mb / 55P
   Trimmer Potentiometers
logo
Murata Manufacturing Co...
PV32N103A01B00 MURATA1-PV32N103A01B00 Datasheet
289Kb / 3P
   Round body shape enables smaller area mount than same 6mm square potentiometer.
08/30/2022
More results

Similar Description - PV32N103A0xB00

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PVG3 BOURNS-PVG3 Datasheet
259Kb / 3P
   SMD Sealed Type Single-Turn PVG3 Series
PVF2A204A1AR03 BOURNS-PVF2A204A1AR03 Datasheet
335Kb / 2P
   SMD Sealed Type Single-Turn PVF2 Series
logo
Copal Electronics
ST4TB104 COPAL-ST4TB104 Datasheet
278Kb / 7P
   SINGLE TURN SURFACE MOUNT TYPE TRIMMERS SINGLE TURN
JP-30 COPAL-JP-30 Datasheet
87Kb / 2P
   CERMET SINGLE TURN TYPE
J_SERIES COPAL-J_SERIES Datasheet
87Kb / 2P
   WIREWOUND SINGLE TURN TYPE
JP-30B COPAL-JP-30B Datasheet
88Kb / 2P
   CERMET SINGLE TURN TYPE
CRV16 COPAL-CRV16 Datasheet
68Kb / 2P
   CONDUCTIVE PLASTIC SINGLE TURN TYPE
JC_SERIES COPAL-JC_SERIES Datasheet
83Kb / 3P
   CONDUCTIVE PLASTIC SINGLE TURN TYPE
JC10_SERIES COPAL-JC10_SERIES Datasheet
69Kb / 2P
   CONDUCTIVE PLASTIC SINGLE TURN TYPE
logo
Bourns Electronic Solut...
3335 BOURNS-3335 Datasheet
352Kb / 1P
   SMD 5MM SQUARE/SINGLE-TURN CERMET/INDUSTRIAL/SEALED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com