Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8521XN5/TR Datasheet(PDF) 6 Page - SG Micro Corp

Part # SGM8521XN5/TR
Description  CMOS Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8521XN5/TR Datasheet(HTML) 6 Page - SG Micro Corp

Back Button SGM8521XN5/TR Datasheet HTML 2Page - SG Micro Corp SGM8521XN5/TR Datasheet HTML 3Page - SG Micro Corp SGM8521XN5/TR Datasheet HTML 4Page - SG Micro Corp SGM8521XN5/TR Datasheet HTML 5Page - SG Micro Corp SGM8521XN5/TR Datasheet HTML 6Page - SG Micro Corp SGM8521XN5/TR Datasheet HTML 7Page - SG Micro Corp SGM8521XN5/TR Datasheet HTML 8Page - SG Micro Corp SGM8521XN5/TR Datasheet HTML 9Page - SG Micro Corp SGM8521XN5/TR Datasheet HTML 10Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
150kHz, 5.5μA, Rail-to-Rail I/O
SGM8521/2/4
CMOS Operational Amplifiers
6
JANUARY 2017
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
At TA = +25
℃, VS = +5V, and RL = 500kΩ connected to VS/2, unless otherwise noted.
Supply Current vs. Temperature
2
3
4
5
6
7
8
9
-50 -25
0
25
50
75 100 125 150
Temperature (
℃)
CMRR vs. Temperature
50
60
70
80
90
100
110
-50 -25
0
25
50
75 100 125 150
Temperature
(℃)
CMRR_L
CMRR_H
Output Voltage vs. Output Current
0
1
2
3
4
5
6
0
20
40
60
80 100 120 140 160
Output Current (mA)
VS = 5V
Sourcing Current
Sinking Current
-55
-55
25
25
135
135
Open-Loop Gain vs. Temperature
80
90
100
110
120
130
140
-50 -25
0
25
50
75 100 125 150
Temperature (
℃)
RL = 100kΩ
RL = 500kΩ
PSRR vs. Temperature
20
40
60
80
100
120
140
-50 -25
0
25
50
75 100 125 150
Temperature (
℃)
Output Voltage vs. Output Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
50
60
Output Current (mA)
VS = 3V
Sourcing Current
Sinking Current
-55℃
-55℃
25℃
25℃
135℃
135℃


Similar Part No. - SGM8521XN5/TR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8521XN5/TR SGMICRO-SGM8521XN5/TR Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - SGM8521XN5/TR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com