Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM722XS/TR Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM722XS/TR
Description  CMOS Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM722XS/TR Datasheet(HTML) 2 Page - SG Micro Corp

  SGM722XS/TR Datasheet HTML 1Page - SG Micro Corp SGM722XS/TR Datasheet HTML 2Page - SG Micro Corp SGM722XS/TR Datasheet HTML 3Page - SG Micro Corp SGM722XS/TR Datasheet HTML 4Page - SG Micro Corp SGM722XS/TR Datasheet HTML 5Page - SG Micro Corp SGM722XS/TR Datasheet HTML 6Page - SG Micro Corp SGM722XS/TR Datasheet HTML 7Page - SG Micro Corp SGM722XS/TR Datasheet HTML 8Page - SG Micro Corp SGM722XS/TR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
11MHz, Rail-to-Rail I/O
SGM721/2/3/4
CMOS Operational Amplifiers
PACKAGE/ORDERING INFORMATION
MODEL
PACKAGE
DESCRIPTION
SPECIFIED
TEMPERATURE
RANGE
ORDERING
NUMBER
PACKAGE
MARKING
PACKING
OPTION
SGM721
SC70-5
-40
℃ to +125℃
SGM721XC5/TR
721
Tape and Reel, 3000
SOT-23-5
-40
℃ to +125℃
SGM721XN5/TR
721
Tape and Reel, 3000
SOIC-8
-40
℃ to +125℃
SGM721XS/TR
SGM721XS
XXXXX
Tape and Reel, 2500
SGM722
MSOP-8
-40
℃ to +125℃
SGM722XMS/TR
SGM722
XMS
XXXXX
Tape and Reel, 3000
SOIC-8
-40
℃ to +125℃
SGM722XS/TR
SGM722XS
XXXXX
Tape and Reel, 2500
TSSOP-8
-40
℃ to +125℃
SGM722XTS8G/TR
SGM722
XTS8
XXXXX
Tape and Reel, 4000
SGM723
SOT-23-6
-40
℃ to +125℃
SGM723XN6/TR
723
Tape and Reel, 3000
SOIC-8
-40
℃ to +125℃
SGM723XS/TR
SGM723XS
XXXXX
Tape and Reel, 2500
SGM724
SOIC-14
-40
℃ to +125℃
SGM724XS14/TR
SGM724XS14
XXXXX
Tape and Reel, 2500
TSSOP-14
-40
℃ to +125℃
SGM724XTS14/TR
SGM724
XTS14
XXXXX
Tape and Reel, 3000
NOTE: XXXXX = Date Code and Vendor Code.
Green (RoHS & HSF): SG Micro Corp defines "Green" to mean Pb-Free (RoHS compatible) and free of halogen substances. If
you have additional comments or questions, please contact your SGMICRO representative directly.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, +VS to -VS ................................................6V
Input Common Mode Voltage Range
.................................................... (-VS) - 0.3V to (+VS) + 0.3V
Storage Temperature Range ........................-65
℃ to +150℃
Junction Temperature.................................................+150
Package Thermal Resistance @ TA = +25
SC70-5, θJA.............................................................. 333℃/W
SOT-23-5, θJA .......................................................... 190
℃/W
SOT-23-6, θJA .......................................................... 190℃/W
SOIC-8, θJA.............................................................. 125
℃/W
MSOP-8, θJA ............................................................ 216
℃/W
Lead Temperature Range (Soldering 10sec)..............+260
ESD Susceptibility
HBM (SGM721/2/4) .....................................................8000V
HBM (SGM723) ...........................................................4000V
MM.................................................................................400V
CDM ............................................................................1000V
RECOMMENDED OPERATING CONDITIONS
Operating Temperature Range .....................-40
℃ to +125℃
OVERSTRESS CAUTION
Stresses beyond those listed may cause permanent damage
to the device. Functional operation of the device at these or
any other conditions beyond those indicated in the
operational section of the specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
ESD SENSITIVITY CAUTION
This integrated circuit can be damaged by ESD if you don’t
pay attention to ESD protection. SGMICRO recommends that
all integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation
procedures can cause damage. ESD damage can range from
subtle performance degradation to complete device failure.
Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause
the device not to meet its published specifications.
DISCLAIMER
SG Micro Corp reserves the right to make any change in
circuit design, specification or other related things if
necessary without notice at any time.
SG Micro Corp
www.sg-micro.com
2


Similar Part No. - SGM722XS/TR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM722XS/TR SGMICRO-SGM722XS/TR Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - SGM722XS/TR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com