Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8541 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM8541
Description  CMOS Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8541 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM8541_17 Datasheet HTML 1Page - SG Micro Corp SGM8541_17 Datasheet HTML 2Page - SG Micro Corp SGM8541_17 Datasheet HTML 3Page - SG Micro Corp SGM8541_17 Datasheet HTML 4Page - SG Micro Corp SGM8541_17 Datasheet HTML 5Page - SG Micro Corp SGM8541_17 Datasheet HTML 6Page - SG Micro Corp SGM8541_17 Datasheet HTML 7Page - SG Micro Corp SGM8541_17 Datasheet HTML 8Page - SG Micro Corp SGM8541_17 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1.1MHz, 46
μA, Rail-to-Rail I/O
SGM8541/2/4
CMOS Operational Amplifiers
4
MARCH 2017
SG Micro Corp
www.sg-
micro.com
ELECTRICAL CHARACTERISTICS
(At VS = +5V, RL = 100kΩ connected to VS/2 and VOUT = VS/2, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
SGM8541/2/4
TYP
MIN/MAX OVER TEMPERATURE
+25
+25
-40
℃ to
+125
UNITS
MIN/
MAX
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
VCM = VS/2
0.8
3.5
mV
MAX
Input Bias Current
I
B
0.5
p
A
TYP
Input Offset Current
I
OS
0.5
p
A
TYP
Input Common Mode Voltage Range
VCM
VS = 5.5V
-0.1 to +5.6
V
TYP
Common Mode Rejection Ratio
CMRR
VS = 5.5V, VCM = -0.1V to +4V
87
71
69
dB
MIN
VS = 5.5V, VCM = -0.1V to +5.6V
80
60
56
Open-Loop Voltage Gain
A
OL
RL
= 5kΩ, V
O = +0.1V to +4.9V
98
80
73
dB
MIN
RL
= 100kΩ, V
O = +0.035V to +4.965V
105
85
74
Input Offset Voltage Drift
ΔV
OS
/ΔT
2.7
μV/
TYP
OUTPUT CHARACTERISTICS
Output Voltage Swing from Rail
VOH
RL
= 100kΩ
4.997
4.980
4.970
V
MIN
VOL
RL
= 100kΩ
5
20
30
mV
MAX
VOH
RL
= 10kΩ
4.992
4.970
4.960
V
MIN
VOL
RL
= 10kΩ
8
30
40
mV
MAX
Output Current
ISOURCE
RL
= 10Ω to V
S/2
85
60
45
mA
MIN
ISINK
75
60
45
POWER SUPPLY
Operating Voltage Range
2.1
2.5
V
MIN
5.5
5.5
V
MAX
Power Supply Rejection Ratio
PSRR
VS = +2.5V to +5.5V, VCM = +0.5V
87
70
64
dB
MIN
Quiescent Current/Amplifier
I
Q
46
69
89
μA
MAX
DYNAMIC PERFORMANCE (CL = 100pF)
Gain-Bandwidth Product
GBP
1.1
MHz
TYP
Slew Rate
SR
G = +1, 2V Output Step
0.52
V/
μs
TYP
Settling Time to 0.1%
tS
G = +1, 2V Output Step
5.3
μs
TYP
Overload Recovery Time
VIN ·Gain = VS
2.6
μs
TYP
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1kHz
27
nV/ Hz
TYP
f = 10kHz
20
nV/ Hz
TYP


Similar Part No. - SGM8541_17

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8541 SGMICRO-SGM8541_15 Datasheet
428Kb / 17P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8541_17

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com