Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8302 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM8302
Description  Rail-to-Rail Output Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8302 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM8302 Datasheet HTML 1Page - SG Micro Corp SGM8302 Datasheet HTML 2Page - SG Micro Corp SGM8302 Datasheet HTML 3Page - SG Micro Corp SGM8302 Datasheet HTML 4Page - SG Micro Corp SGM8302 Datasheet HTML 5Page - SG Micro Corp SGM8302 Datasheet HTML 6Page - SG Micro Corp SGM8302 Datasheet HTML 7Page - SG Micro Corp SGM8302 Datasheet HTML 8Page - SG Micro Corp SGM8302 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
100MHz, High Voltage,
SGM8301/2/4
Rail-to-Rail Output Amplifiers
3
JUNE 2017
SG Micro Corp
www.sg-micro.com
PIN CONFIGURATIONS
SGM8301 (TOP VIEW)
SGM8301 (TOP VIEW)
5
6
7
8
1
2
3
4
+VS
NC
NC = NO CONNECT
IN-
IN+
-VS
NC
NC
OUT
+VS
IN-
3
4
5
1
2
-VS
IN+
OUT
SOIC-8/MSOP-8
SOT-23-5
SGM8304 (TOP VIEW)
OUTA
INA-
INA+
+VS
INB-
INB+
OUTB
OUTD
IND-
IND+
-VS
INC-
INC+
OUTC
1
2
3
4
5
6
7
8
9
10
11
12
+
-
-
+
-
+
-
+
13
14
SGM8302 (TOP VIEW)
5
6
7
8
1
2
3
4
OUTB
INB+
INA-
INA+
-VS
OUTA
+VS
INB-
+
_
+
_
SOIC-8/MSOP-8
SOIC-14/TSSOP-14


Similar Part No. - SGM8302

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
More results

Similar Description - SGM8302

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
[Old version datasheet]   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
Analog Devices
SSM2275 AD-SSM2275 Datasheet
192Kb / 16P
   Rail-to-Rail Output Audio Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com