Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM721 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SGM721
Description  CMOS Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM721 Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SGM721 Datasheet HTML 3Page - SG Micro Corp SGM721 Datasheet HTML 4Page - SG Micro Corp SGM721 Datasheet HTML 5Page - SG Micro Corp SGM721 Datasheet HTML 6Page - SG Micro Corp SGM721 Datasheet HTML 7Page - SG Micro Corp SGM721 Datasheet HTML 8Page - SG Micro Corp SGM721 Datasheet HTML 9Page - SG Micro Corp SGM721 Datasheet HTML 10Page - SG Micro Corp SGM721 Datasheet HTML 11Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
11MHz, Rail-to-Rail I/O
SGM721/2/3/4
CMOS Operational Amplifiers
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25
℃, VCM = VS/2, RL = 600Ω, unless otherwise noted.
Small-Signal Step Response
Small-Signal Step Response
Time (200ns/div)
G = 1
CL = 100pF
RL = 10kΩ
VS = 2.1V
Time (200ns/div)
G = 1
CL = 100pF
RL = 10kΩ
VS = 5V
Positive Overload Recovery
Negative Overload Recovery
Time (1μs/div)
VS = 5V
VIN = 50mV
RL = 10kΩ
G = -100
0V
0V
VIN
VOUT
Time (1μs/div)
VS = 5V
VIN = 50mV
RL = 10kΩ
G = -100
0V
0V
VIN
VOUT
Supply Current vs. Temperature
Shutdown Current vs. Temperature
0.5
0.7
0.9
1.1
1.3
1.5
-50
-25
0
25
50
75
100
125
Temperature (
℃)
VS = 2.1V
VS = 5V
VS = 3V
0
150
300
450
600
750
-50
-25
0
25
50
75
100
125
Temperature (
℃)
VS = 5V
VS = 3V
VS = 2.1V
SG Micro Corp
www.sg-micro.com
7


Similar Part No. - SGM721

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
501Kb / 19P
   CMOS Operational Amplifiers
SGM721 SGMICRO-SGM721 Datasheet
501Kb / 19P
   CMOS Operational Amplifiers
SGM721XC5/TR SGMICRO-SGM721XC5/TR Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721XN5/TR SGMICRO-SGM721XN5/TR Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - SGM721

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com