Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2220C106KARACTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # C2220C106KARACTU
Description  X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220C106KARACTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C2220C106KARACTU Datasheet HTML 2Page - Kemet Corporation C2220C106KARACTU Datasheet HTML 3Page - Kemet Corporation C2220C106KARACTU Datasheet HTML 4Page - Kemet Corporation C2220C106KARACTU Datasheet HTML 5Page - Kemet Corporation C2220C106KARACTU Datasheet HTML 6Page - Kemet Corporation C2220C106KARACTU Datasheet HTML 7Page - Kemet Corporation C2220C106KARACTU Datasheet HTML 8Page - Kemet Corporation C2220C106KARACTU Datasheet HTML 9Page - Kemet Corporation C2220C106KARACTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1002_X7R_SMD • 6/9/2017
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
X7R Dielectric, 6.3 – 250 VDC (Commercial Grade)
Table 1A – Capacitance Range/Selection Waterfall (0402 – 1206 Case Sizes)
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82, and 91)
**Capacitance range Includes E12 decade values only. (i.e., 10, 12, 15, 18, 22, 27, 33, 39, 47, 56, 68, and 82)
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage
capability within the same form factor (configuration and dimensions).
xx1 Available only in K, M tolerance.
xx2 Available only in M tolerance.
Cap
Cap
Code
Case Size/
Series
C0402C
C0603C
C0805C
C1206C
Voltage Code
9
8
4
3
5
9
8
4
3
5
1
2
9
8
4
3
6
5
1
2
A
9
8
4
3
6
5
1
2
A
Rated Voltage
(VDC)
Cap Tolerance
Product Availability and Chip Thickness Codes – See Table 2 for Chip Thickness Dimensions
10-20pF*
100-200*
J
K
M BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN DN
EB EB EB EB EB EB EB EB
22pF
220
J
K
M BB BB BB BB BB CF CF CF CF CF CF CF DM DM DM DM DM DM DN DN
EB EB EB EB EB EB EB EB
24-91pF
240-910*
J
K
M BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN DN
EB EB EB EB EB EB EB EB
100-150pF** 101-151**
J
K
M BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN DN
EB EB EB EB EB EB EB EB
180-820pF** 181-821**
J
K
M BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN DN DN EB EB EB EB EB EB EB EB
1000pF
102
J
K
M BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN DN DN EB EB EB EB EB EB EB EB EB
1200pF
122
J
K
M BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN DN DN EB EB EB EB EB EB EB EB EB
1500pF
152
J
K
M BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN DN DN EB EB EB EB EB EB EB EB EB
1800pF
182
J
K
M BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN DN DN EB EB EB EB EB EB EB EB EB
2200pF
222
J
K
M BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN DN DN EB EB EB EB EB EB EB EB EB
2700pF
272
J
K
M BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN DN DN EB EB EB EB EB EB EB EB EB
3300pF
332
J
K
M BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN DN DN EB EB EB EB EB EB EB EB EB
3900pF
392
J
K
M BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN DN DN EB EB EB EB EB EB EB EB EB
4700pF
472
J
K
M BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN DN DN EB EB EB EB EB EB EB EB EB
5600pF
562
J
K
M BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN DN DN EB EB EB EB EB EB EB EB EB
6800pF
682
J
K
M BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN DN DN EB EB EB EB EB EB EB EB EB
8200pF
822
J
K
M BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN DN DN EB EB EB EB EB EB EB EB EB
10000pF
103
J
K
M BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN DN DN EB EB EB EB EB EB EB EB EB
12000pF
123
J
K
M BB BB BB BB BB CF CF CF CF CF CF
DN DN DN DN DN DN DN DN DN EB EB EB EB EB EB EB EB EB
15000pF
153
J
K
M BB BB BB BB BB CF CF CF CF CF CF
DN DN DN DN DN DN DN DN DN EB EB EB EB EB EB EB EB EB
18000pF
183
J
K
M BB BB BB BB BB CF CF CF CF CF CF
DN DN DN DN DN DN DN DN DN EB EB EB EB EB EB EB EB EB
22000pF
223
J
K
M BB BB BB BB BB CF CF CF CF CF CF
DN DN DN DN DN DN DN DN DN EB EB EB EB EB EB EB EB EB
27000pF
273
J
K
M BB BB BB BB
CF CF CF CF CF CF
DN DN DN DN DN DN DP DE
EB EB EB EB EB EB EB EB EB
33000pF
333
J
K
M BB BB BB BB
CF CF CF CF CF CF
DN DN DN DN DN DN DP DE
EB EB EB EB EB EB EB EB EB
39000pF
393
J
K
M BB BB BB BB
CF CF CF CF CF CF
DN DN DN DN DN DN DP DE
EB EB EB EB EB EB EC EB EB
47000pF
473
J
K
M BB BB BB BB
CF CF CF CF CJ CF
DO DO DO DO DO DO DE DG
EB EB EB EB EB EB EC ED ED
56000pF
563
J
K
M BB BB BB
CF CF CF CF CF
DP DP DP DP DP DP DE DG
EB EB EB EB EB EB EB ED ED
68000pF
683
J
K
M BB BB BB
CF CF CF CF CF
DP DP DP DP DP DP DE
EB EB EB EB EB EB EB ED ED
82000pF
823
J
K
M BB BB BB
CF CF CF CF CF
DP DP DP DP DP DP DE
EB EB EB EB EB EB EB ED ED
0.1µF
104
J
K
M BB BB BB BB¹
CJ CJ CJ CJ CJ
DN DN DN DN DN DN DE
EB EB EB EB EB EB EB EM EM
0.12µF
124
J
K
M
CF CF CF CF CF
DN DN DN DN DP DP DG
EC EC EC EC EC EC EC EG
0.15µF
154
J
K
M
CF CF CF CF CF
DN DN DN DN DP DP DG
EC EC EC EC EC EC EC EG
0.18µF
184
J
K
M
CF CF CF CF
DN DN DN DN DG DG DG
EC EC EC EC EC EC EC
0.22µF
224
J
K
M
CF CF CF CF
DN DN DN DN DG DG DG
EC EC EC EC EC EC EC
0.27µF
274
J
K
M
CF CF CF
DP DP DP DP DP DP
EB EB EB EB EC EC EM
0.33µF
334
J
K
M
CF CF CF
DG DG DG DG DP DP
EB EB EB EB EC EC EG
0.39µF
394
J
K
M
CF CF CF
DG DG DG DG DE DE
EB EB EB EB EC EC EG
0.47µF
474
J
K
M
CF CF CF CG¹
DG DG DG DG DE DE
EC EC EC EC EC EC EG
0.56µF
564
J
K
M
DP DP DP DG DH DH
ED ED ED ED EC EC EM
0.68µF
684
J
K
M
DP DP DP DG DH DH
EE EE EE EE ED ED EM
0.82µF
824
J
K
M
DP DP DP DG
EF EF EF EF ED ED EH
1µF
105
J
K
M
CG¹ CG¹ CG¹ CD¹
DP DP DP DG DG¹ DG¹
EP EP EP EP ED ED EH
1.2µF
125
J
K
M
DE DE DE
ED ED ED EG EH EH
1.5µF
155
J
K
M
DG DG DG
ED ED ED EG EH EH
1.8µF
185
J
K
M
DG DG DG
ED ED ED EF EH EH
2.2µF
225
J
K
M
CG¹ CG¹
DG DG DG DG¹
EH EH EH¹ EH¹ EH EH
2.7µF
275
J
K
M
EN EN EN EH
Cap
Cap
Code
Rated Voltage
(VDC)
Voltage Code
9
8
4
3
5
9
8
4
3
5
1
2
9
8
4
3
6
5
1
2
A
9
8
4
3
6
5
1
2
A
Case Size/
Series
C0402C
C0603C
C0805C
C1206C


Similar Part No. - C2220C106KARACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C106KAR1C7168 KEMET-C2220C106KAR1C7168 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
C2220C106KAR1C7289 KEMET-C2220C106KAR1C7289 Datasheet
3Mb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors
C2220C106KAR1CTU KEMET-C2220C106KAR1CTU Datasheet
3Mb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors
C2220C106KAR2C7168 KEMET-C2220C106KAR2C7168 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
C2220C106KAR2C7289 KEMET-C2220C106KAR2C7289 Datasheet
3Mb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2220C106KARACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805S104K5RACTU KEMET-C0805S104K5RACTU Datasheet
2Mb / 22P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220C106M5R2C7186 KEMET-C2220C106M5R2C7186 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com