Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4640 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AKD4640
Description  AKD4640 EVALUATION BOARD
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4640 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AKD4640 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4640 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4640 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4640 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4640 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4640 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4640 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4640 Datasheet HTML 14Page - Asahi Kasei Microsystems AKD4640 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
ASAHI KASEI
[AKD4640]
<KM072300>
2003/07
- 11 -
MEASUREMENT RESULTS
1. EXT mode (slave mode)
[Measurement condition]
• Measurement unit: Audio Precision, System two
• BICK: 64fs
• Bit: 16bit
• Measurement Frequency: 20 ∼ 20kHz
• Power Supply: AVDD=DVDD=PVDD=HVDD=3.3V
• Temperature: Room
• Input Frequency: 1kHz
• Sampling Frequency: 44.1kHz
[Measurement Results]
1. ADC (INT) characteristics (MIC Gain = +20dB, IPGA=0dB, ALC1 = OFF, INT à IPGA à ADC)
L[dB]
THD+N
20kHzLPF (-1dB)
80.9
DR
20kHzLPF + A-weighted
84.4
S/N
20kHzLPF + A-weighted
84.5
2. DAC (HPL/HPR) characteristics (RL=22.8
, DATT=0dB, DAC à HPL/HPR)
L[dB]
R[dB]
THD+N
20kHzLPF (-3dB)
70.6
71.3
DR
20kHzLPF + A-weighted
89.7
89.7
S/N
20kHzLPF + A-weighted
90.1
90.2


Similar Part No. - AKD4640

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4640 AKM-AKD4640 Datasheet
648Kb / 78P
   16-Bit ?誇 CODEC with MIC/HP/SPK-AMP
More results

Similar Description - AKD4640

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com