Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWX-800A Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # FWX-800A
Description  35-800A, 250 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWX-800A Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  FWX-800A Datasheet HTML 1Page - Cooper Bussmann, Inc. FWX-800A Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semiconductor Fuse
35-800A, 250 Volts
BIF Document
359
Size
FWX-150A
FWX-100A
FWX-70A
FWX-60A
FWX-45A
FWX-35A
FWX-200A
FWX-300A
FWX-400A
FWX-600A
FWX-800A
10
2
10
3
10
4
10
5
10
2
10
3
10
4
10
5
Prospective Short-Circuit Current Symmetrical RMS
A
B
Peak Let-Through
Cut-Off Current Characteristic Curves
FWX 35A-800A
Approved:
JS
Rev. Date:
SEPT-94
Page
2 of 2
Pub. Date:
NOV-94
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition
uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann
reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to
change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
7-11-01
SB01191


Similar Part No. - FWX-800A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWX-800A COOPER-FWX-800A Datasheet
750Kb / 20P
   High Speed Fuses
More results

Similar Description - FWX-800A

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
RF30AXB MARATHON-RF30AXB Datasheet
287Kb / 3P
   250 Volts AC/DC
REV-E 04/07/2020
R200AXBE MARATHON-R200AXBE Datasheet
196Kb / 2P
   250 Volts AC/DC
REV-F 03/12/2020
R30AXSP MARATHON-R30AXSP Datasheet
249Kb / 3P
   250 Volts AC/DC
REV-E 04/07/2020
F200AXBE MARATHON-F200AXBE Datasheet
174Kb / 2P
   250 Volts AC/DC
REV-F 03/13/2020
R60AXB MARATHON-R60AXB Datasheet
199Kb / 3P
   250 Volts AC/DC
REV-E 04/07/2020
logo
Cooper Bussmann, Inc.
FWX-1000AH COOPER-FWX-1000AH Datasheet
35Kb / 2P
   1000-2500A, 250 Volts
logo
Marathon Special Produc...
RF60AXSQ MARATHON-RF60AXSQ Datasheet
433Kb / 3P
   250 Volts AC/DC
REV-E 04/07/2020
R30AXS MARATHON-R30AXS Datasheet
296Kb / 3P
   250 Volts AC/DC
REV-E 04/07/2020
RF60AXB MARATHON-RF60AXB Datasheet
339Kb / 3P
   250 Volts AC/DC
REV-E 04/07/2020
R30AXB MARATHON-R30AXB Datasheet
218Kb / 3P
   250 Volts AC/DC
REV-E 04/07/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com