Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4641 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AKD4641
Description  16 BIT CODEC WITH BLUETOOTH INTERFACE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4641 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AKD4641 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4641 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4641 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4641 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4641 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4641 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4641 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4641 Datasheet HTML 14Page - Asahi Kasei Microsystems AKD4641 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
ASAHI KASEI
[AK4641]
MS0301-E-00
2004/05
- 11 -
Parameter
Symbol
min
typ
max
Units
16bit Mono CODEC Interface Timing:
SYNC Timing
Frequency (PLL Lock Range)
Bfs
8
-
16
kHz
Serial Interface Timing at Short/long Frame Sync
BBICK Frequency
fBBCK
128
2048
kHz
BBICK Period
tBBCK
488
ns
BBICK duty cycle
tBDUT
50
%
BBICK Pulse Width Low
tBBCKL
200
ns
Pulse Width High
tBBCKH
200
ns
BSYNC Edge to BBICK “
↓ ”
tBSYB
50
ns
BBICK “
↓ ” to BSYNC Edge
tBBSY
50
ns
BSYNC to BSDTO (MSB) (Except Short Frame)
tBSYD
80
ns
BBICK “
↑ ” to BSDTO
tBBSD
80
ns
BSDTI Hold Time
tBSDH
50
ns
BSDTI Setup Time
tBSDS
50
ns
BSYNC Pulse Width Low
tBBSL
3300
ns
Pulse Width High
tBBSH
440
ns
Serial Interface Timing at MSB justified and I
2S
BBICK Frequency
fBBCK
256
2048
kHz
BBICK Period
tBBCK
488
ns
BBICK duty cycle
tBDUT
50
%
BBICK Pulse Width Low
tBBCKL
200
ns
Pulse Width High
tBBCKH
200
ns
BSYNC Edge to BBICK “
↑ ”
tBSYB2
50
ns
BBICK “
↑ ” to BSYNC Edge
tBBSY2
50
ns
BSYNC to BSDTO (MSB) (Except I
2S mode)
tBSYD2
80
ns
BBICK “
↓ ” to BSDTO
tBBSD2
80
ns
BSDTI Hold Time
tBSDH2
50
ns
BSDTI Setup Time
tBSDH2
50
ns
BSYNC Duty Cycle
BDuty2
45
50
55
%
Control Interface Timing (I
2C Bus mode):
SCL Clock Frequency
fSCL
-
400
kHz
Bus Free Time Between Transmissions
tBUF
1.3
-
µs
Start Condition Hold Time (prior to first clock pulse)
tHD:STA
0.6
-
µs
Clock Low Time
tLOW
1.3
-
µs
Clock High Time
tHIGH
0.6
-
µs
Setup Time for Repeated Start Condition
tSU:STA
0.6
-
µs
SDA Hold Time from SCL Falling (Note 21)
tHD:DAT
0
-
µs
SDA Setup Time from SCL Rising
tSU:DAT
0.1
-
µs
Rise Time of Both SDA and SCL Lines
tR
-
0.3
µs
Fall Time of Both SDA and SCL Lines
tF
-
0.3
µs
Setup Time for Stop Condition
TSU:STO
0.6
-
µs
Pulse Width of Spike Noise Suppressed by Input Filter
tSP
0
50
ns
Reset Timing
PDN Pulse Width
(Note 22)
tPD
150
ns
PMADC “
↑” to SDTO valid
(Note 23)
tPDV
2081
1/fs
PMAD2 “
↑” to BSDTO valid
(Note 24)
tBPDV
1057
1/Bfs
Note 21. Data must be held long enough to bridge the 300ns-transition time of SCL.
Note 22. The AK4641 can be reset by the PDN pin = “L”.
Note 23. This is the count of LRCK “
↑” from the PMADC bit = “1”.
Note 24. This is the count of BSYNC “
↑” from the PMAD2 bit = “1”.
Purchase of Asahi Kasei Microsystems Co., Ltd I
2C components conveys a license under the Philips
I
2C patent to use the components in the I2C system, provided the system conform to the I2C
specifications defined by Philips.


Similar Part No. - AKD4641

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4641EN AKM-AKD4641EN Datasheet
459Kb / 50P
   16-Bit ?誇 CODEC with Bluetooth Interface
AKD4641EN-A AKM-AKD4641EN-A Datasheet
732Kb / 54P
   16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
More results

Similar Description - AKD4641

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4641EN AKM-AK4641EN Datasheet
459Kb / 50P
   16-Bit ?誇 CODEC with Bluetooth Interface
AKD4641EN-A AKM-AKD4641EN-A Datasheet
732Kb / 54P
   16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
logo
Cirrus Logic
CS4220 CIRRUS-CS4220 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4218 CIRRUS-CS4218 Datasheet
586Kb / 44P
   16-Bit Stereo Audio Codec
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
   16-Bit Stereo Audio Codec
logo
CINCON ELECTRONICS Corp...
BD5T CINCON-BD5T Datasheet
652Kb / 2P
   Bluetooth Interface
logo
Cirrus Logic
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
   16-Bit Multimedia Audio Codec
logo
Rohm
BU7812KN ROHM-BU7812KN Datasheet
299Kb / 5P
   Monaural audio interface with CODEC
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
logo
Texas Instruments
PCM2912A TI1-PCM2912A_15 Datasheet
1Mb / 34P
[Old version datasheet]   Audio Codec With USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com