Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R463R315000M1M Datasheet(PDF) 15 Page - Kemet Corporation

Part # R463R315000M1M
Description  Metallized Polypropylene Film EMI Suppression Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R463R315000M1M Datasheet(HTML) 15 Page - Kemet Corporation

Back Button R463R315000M1M Datasheet HTML 9Page - Kemet Corporation R463R315000M1M Datasheet HTML 10Page - Kemet Corporation R463R315000M1M Datasheet HTML 11Page - Kemet Corporation R463R315000M1M Datasheet HTML 12Page - Kemet Corporation R463R315000M1M Datasheet HTML 13Page - Kemet Corporation R463R315000M1M Datasheet HTML 14Page - Kemet Corporation R463R315000M1M Datasheet HTML 15Page - Kemet Corporation R463R315000M1M Datasheet HTML 16Page - Kemet Corporation R463R315000M1M Datasheet HTML 17Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.comF3095_R46_X2_310_110C • 9/27/2016 15
Metallized Polypropylene Film EMI Suppression Capacitors
R46 Series, Class X2, 310 VAC, 110ºC
Lead Taping & Packaging (IEC 60286–2)
Taping Specification
Description
Symbol
Dimensions (mm)
Lead Space
Tol.
10
15
22.5
27.5
Fig. 1
Fig. 2
Fig. 3
Fig. 3
Lead wire diameter
d
0.6
0.6 – 0.8
0.8
0.8
±0.05
Taping lead space
P
25.4
25.4
38.1
38.1
±1
Feedholeleadspace*
P
0
12.7
12.7
12.7
12.7
±0.2**
Centering of the lead wire
P
1
7.7
5.2
7.8
5.3
±0.7
Centeringofthebody
P
2
12.7
12.7
19.05
19.05
±1.3
Leadspacing(pitch)***
F
10
15
22.5
27.5
+0.6/−0.1
Component alignment
∆h
0
0
0
0
±2
Height of component
from tape center
H0****
18.5
18.5
18.5
18.5
±0.5
Carrier tape width
W
18
18
18
18
+1/−0.5
Hold down tape width
W
0
9
10
10
10
Minimum
Hole position
W
1
9
9
9
9
±0.5
Hold down tape position
W
2
3
3
3
3
Maximum
Feed hole diameter
D
0
4
4
4
4
±0.2
Tape thickness
t
0.7
0.7
0.7
0.7
±0.2
* Also available in 15 mm.
** Max 1 mm on 20 lead spaces.
*** Pitches 15 mm and 10 mm taped to 7.5 mm (crimped leads) available upon request.
**** H
0 = 16.5 mm available upon request.
P
P2
P0
F
h
P1
D0
h
ød
t
P
P2
P1
Figure 1
Lead Spacing 10 mm
Figure 2
Lead Spacing 15 mm
Figure 3
Lead Spacing 22.5 – 27.5 mm


Similar Part No. - R463R315000M1M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R463R315000M1M KEMET-R463R315000M1M Datasheet
1Mb / 18P
   RoHS Compliant and lead-free terminations
More results

Similar Description - R463R315000M1M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KI21000001M KEMET-R46KI21000001M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R474F14700001M KEMET-R474F14700001M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com