Electronic Components Datasheet Search |
|
M2T12TXW30-GC Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
M2T12TXW30-GC Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd. |
3 / 7 page Series M2 Process Sealed Miniature Rockers B100 B www.nkkswitches.com Rocker/Paddle Colors A Black B White C Red E Yellow F Green G Blue H Gray Rockers/Paddles D .365” (9.27mm) Wide Rocker E .365” (9.27mm) Wide Paddle F .450” (11.43mm) Wide Rocker G .450” (11.43mm) Wide Paddle TYPICAL SWITCH ORDERING EXAMPLE 2 G M2T DPDT ON-NONE-ON Circuit .365” (9.27mm) Wide Red Rocker Circuits 2 ON NONE ON 3 ON OFF ON 5 ON NONE (ON) 8 (ON) OFF (ON) 9 ON OFF (ON) ( ) = Momentary Contact Materials & Ratings W Silver; Rated 6A @ 125V AC & 3A @ 250V AC G Gold; Rated 0.4VA max @ 28V AC/DC max A Gold over Silver; Rated 6A @ 125V AC & 0.4VA max @ 28V AC/DC max 2 DESCRIPTION FOR TYPICAL ORDERING EXAMPLE M2T22TXG41-DC D Mounting Frame for Actuators with Straight or Angle PC Mount C Mounting Frame TX For Actuators with Straight or Angle PC Mount PC Terminals 13 Straight with .460” (11.7mm) Bracket 30 .150” (3.81mm) Right Angle 41 .150” (3.81mm) Vertical Poles 1 SPDT 2 DPDT Gold Contacts with 0.4VA Rating .150” (3.81mm) Vertical Terminals TX 41 IMPORTANT: Switches are supplied without UL, cULus & CSA marking unless specified. UL, cULus & CSA recognized only when ordered with marking on the switch. Specific models, ratings and ordering instructions are noted on the General Specifications page. |
Similar Part No. - M2T12TXW30-GC |
|
Similar Description - M2T12TXW30-GC |